Electronic Components Datasheet Search
  English  ▼

X  

RK115 Datasheet(PDF) 2 Page - TEMEX

Part # RK115
Description  For this product, a full detailed specification can also be delivered on request
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RK115 Datasheet(HTML) 2 Page - TEMEX

  RK115 Datasheet HTML 1Page - TEMEX RK115 Datasheet HTML 2Page - TEMEX RK115 Datasheet HTML 3Page - TEMEX RK115 Datasheet HTML 4Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Space Crystal Oscillator
RK 115
According to MIL Level S
May 6th, 2014
Specifications subject to change without notice
Shortform, 51001204.110, Issue A1
2 / 4
www.rakon.com
2. Electrical interface
Parameters
Conditions/remarks
Min
Nom
Max
Unit
Option 1
3.3 V
3.13
3.3
3.465
V
Option 2
5 V
4.5
5
5.5
V
AHCMOS 3.3V
10 kHz ≤ Frequency < 80 MHz
13
15
18
pF
AHCMOS 3.3V
80 MHz ≤ Frequency ≤ 100 MHz
9.1
10
11
pF
AHCMOS 5V
13
15
18
pF
ACMOS 3.3/5V
80 MHz ≤ Frequency ≤ 100 MHz
13
15
18
pF
Power supply
Load Impedance
in parallel with 1kΩ
3. Performances
Parameters
Conditions/Remarks
Min
Typ
Max
Unit
Nominal Frequency
0.01
100
MHz
Steady state input
AHCMOS/ACMOS Waveform
25
mA
Temperature option A
(–30°C to +105°C)
± 68
ppm
Temperature option B
(–55°C to +125°C)
± 88
ppm
Initial frequency
accuracy
± 10
± 15
ppm
Temperature option A
(–30°C to +105°C)
± 30
ppm
Temperature option B
(–55°C to +125°C)
± 50
ppm
Frequency variation vs.
supply voltage
Over Operating Temperature
± 3
ppm
Frequency variation vs.
load
Over Operating Temperature
± 5
ppm
Frequency ageing
Over 18 years
± 15
ppm
Start up time
10
ms
Output level
AHCMOS compatible
2.4
0.4
V
Duty cycle
45
50
55
%
Rise time
10%-90% of Vcc
5
10
ns
Fall time
90%-10% of Vcc
5
10
ns
Global Frequency
stability (1)
Frequency-temperature
stability
Note 1: Including initial accuracy + freq temp stability + power supply stab + ageing over 18 years



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com