Electronic Components Datasheet Search
  English  ▼

X  

SLZ2V7 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SLZ2V7
Description  Glass Zener Voltage Regulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SLZ2V7 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SLZ2V7 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SLZ2V7 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SLZ2V7 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SLZ2V7 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SLZ2V7 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SLZXXX Series
500 mW,
SOD-80
Glass Zener Voltage Regulators
Elektronische Bauelemente
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
27-Jul-2011 Rev. A
Page 1 of 5
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Zener voltage range 2.0 to 39 volts (Graded)
Surface device type mounting
Hermetically sealed glass
Compression bonded construction
All external surfaces are corrosion resistant and
terminals are readily solderable
Matte Tin (Sn) Terminal Finish
Color band Indicates Negative Polarity
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-80
2.5K
7 inch
MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Power Dissipation
PD
500
mW
Operating Junction and Storage Temperature Range
TJ, TSTG
175 , -65~175
°C
Notes:
1. These ratings are limiting values above which the serviceability of the diode may be impaired.
SOD-80
B
A
C
C
REF.
Millimeter
Min.
Max.
A
3.30
3.70
B
1.40
1.60
C
0.28
0.50


Similar Part No. - SLZ2V7

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SLZ2V7 SECOS-SLZ2V7 Datasheet
296Kb / 5P
500 mW, SOD-80 Glass Zener Voltage Regulators
More results

Similar Description - SLZ2V7

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG_15 Datasheet
218Kb / 2P
Hermetically Sealed Glass Zener Voltage Regulators
BZV55B SECOS-BZV55B_15 Datasheet
215Kb / 3P
Sealed Glass Zener Voltage Regulators
BZV55C SECOS-BZV55C_15 Datasheet
215Kb / 3P
Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ2V4 TSC-LLZ2V4 Datasheet
228Kb / 4P
Hermetically Sealed Glass Zener Voltage Regulators
ZM4728A TSC-ZM4728A_14 Datasheet
220Kb / 4P
Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX55C2V4RL ONSEMI-BZX55C2V4RL Datasheet
252Kb / 10P
Hermetically Sealed Glass Zener Voltage Regulators
August, 2006 ??Rev. 1
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ Datasheet
422Kb / 5P
Hermetically Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
BZV55B SECELECTRONICS-BZV55B Datasheet
215Kb / 3P
Sealed Glass Zener Voltage Regulators
BZV55C SECELECTRONICS-BZV55C Datasheet
215Kb / 3P
Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com