Electronic Components Datasheet Search
  English  ▼

X  

SLZ2V7 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SLZ2V7
Description  Glass Zener Voltage Regulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SLZ2V7 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SLZ2V7 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SLZ2V7 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SLZ2V7 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SLZ2V7 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SLZ2V7 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SLZXXX Series
500 mW,
SOD-80
Glass Zener Voltage Regulators
Elektronische Bauelemente
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
27-Jul-2011 Rev. A
Page 4 of 5
ELECTRICAL CHARACTERISTICS(TA=25°C unless otherwise specified)
Type Number
Class
Zener Voltage Range
1
Maximum Zener
Impedance
2
Maximum Reverse
Leakage Current
1
VZ@ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR@ VR
VR
Min(V)
Max(V)
mA
mA
µA
V
SLZ24V
A
22.05
23.18
5
29.0
170
0.5
0.133
19
B
22.61
23.77
C
23.12
24.31
D
23.63
24.85
SLZ27V
A
24.26
25.52
5
38.0
210
0.5
0.133
21
B
24.97
26.26
C
25.63
26.95
D
26.29
27.64
SLZ30V
A
26.99
28.39
5
46.0
210
0.5
0.133
23
B
27.7
29.13
C
28.36
29.82
D
29.02
30.51
SLZ33V
A
29.68
31.22
5
55.0
210
0.5
0.133
25
B
30.32
31.88
C
30.9
32.5
D
31.49
33.11
SLZ36V
A
32.14
33.79
5
63.0
210
0.5
0.133
27
B
32.79
34.49
C
33.4
35.13
D
34.01
35.77
SLZ39V
A
34.68
36.47
5
72.0
210
0.5
0.133
30
B
35.36
37.19
C
36
37.85
D
36.63
38.52
Notes:
1. The zener voltage subdivision (VZ) is measured 40mS after diode is powered up.
2. The operating resistance (Zzt and Zzk) is measured by superimposing a minute alternation current in the regulated current (Iz).
3. When ordering, please specify grade A, B, C or D.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com