Electronic Components Datasheet Search
  English  ▼

X  

UPD16675AP Datasheet(PDF) 26 Page - NEC

Part # UPD16675AP
Description  1/34, 1/36 DUTY LCD CONTROLLER/DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16675AP Datasheet(HTML) 26 Page - NEC

Back Button UPD16675AP Datasheet HTML 22Page - NEC UPD16675AP Datasheet HTML 23Page - NEC UPD16675AP Datasheet HTML 24Page - NEC UPD16675AP Datasheet HTML 25Page - NEC UPD16675AP Datasheet HTML 26Page - NEC UPD16675AP Datasheet HTML 27Page - NEC UPD16675AP Datasheet HTML 28Page - NEC UPD16675AP Datasheet HTML 29Page - NEC UPD16675AP Datasheet HTML 30Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
26
µµµµPD16675A
9.
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (TA =
++++25°°°°C, VSS = VEE = 0 V)
Parameter
Symbol
Rating
Unit
Logic supply voltage
VDD1
−0.3 to +7.0
V
Booster circuit supply voltage
(VCHA = H)
VDD2
−0.3 to +5.0, VDD1 ≤ VDD2
V
Booster circuit supply voltage
(VCHA = L)
VDD2
−0.3 to +7.0, VDD1 ≤ VDD2
V
Driver supply voltage
VLCD
−0.3 to +15.0, VDD2 ≤ VLCD
V
Driver reference supply input
voltage
VLC1 to
VLC5
−0.3 to VLCD +0.3
V
Logic system input voltage
VIN1
−0.3 to VDD1 +0.3
V
Logic system output voltage
VOUT1
−0.3 to VDD1 +0.3
V
Logic system input/output
voltage
VI/O1
−0.3 to VDD1 +0.3
V
Driver system input voltage
VIN2
−0.3 to VLCD +0.3
V
Driver system output voltage
VOUT2
−0.3 to +VLCD +0.3
V
Operating temperature
TA
−40 to +85
°C
Storage temperature
Tstg
−55 to +150
°C
Caution If the absolute maximum rating of even one of the above parameters is exceeded even
momentarily, the quality of the product may be degraded. Absolute maximum ratings,
therefore, specify the values exceeding which the product may be physically damaged. Be
sure to use the product within the range of the absolute maximum ratings.
Recommended Operating Range
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Logic supply voltage
VDD1
Note 1
2.7
3.3
V
Booster circuit supply voltage
(VCHA = H)
VDD2
Note 1
2.7
3.0
3.6
V
Booster circuit supply voltage
(VCHA = L)
VDD2
Note 1
2.7
5.0
5.5
V
Driver supply voltage
VLCD
Note 2
VDD2
10
12
V
Logic system input voltage
VIN
0VDD1
V
Driver system input voltage
VLC1 to
VLC5
0VLCD
V
Notes 1. Set this to VDD1
≤ VDD2.
2. If use external LCD voltage as VLCD, cannot use standby. Also, maintain VDD1 = VDD2.
Caution At power on and power off, keep VDD1
≤≤≤≤ VDD2 ≤≤≤≤ VLCD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com