Electronic Components Datasheet Search
  English  ▼

X  

UPD16675AP Datasheet(PDF) 27 Page - NEC

Part # UPD16675AP
Description  1/34, 1/36 DUTY LCD CONTROLLER/DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16675AP Datasheet(HTML) 27 Page - NEC

Back Button UPD16675AP Datasheet HTML 23Page - NEC UPD16675AP Datasheet HTML 24Page - NEC UPD16675AP Datasheet HTML 25Page - NEC UPD16675AP Datasheet HTML 26Page - NEC UPD16675AP Datasheet HTML 27Page - NEC UPD16675AP Datasheet HTML 28Page - NEC UPD16675AP Datasheet HTML 29Page - NEC UPD16675AP Datasheet HTML 30Page - NEC UPD16675AP Datasheet HTML 31Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
27
µµµµPD16675A
Electrical Specifications
(Unless otherwise specified, TA =
−−−−40 to ++++85°°°°C, VDD1 = 2.7 to 3.3 V, VCHA = H: VDD2 = 2.7 to 3.6 V or VCHA = L:
VDD2 = 2.7 to 5.5 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
High level input voltage
VIH
0.8
VDD1
V
Low level input voltage
VIL
0.2
VDD1
V
High level input current
IIH1
Except D0/DATA, D1 to D7/NS,
DACHA
1
µA
Low level input current
IIL1
Except D0/DATA, D1 to D7/NS,
DACHA
−1
µA
High level output voltage
VOH
IOUT =
−1.5 mA, except OSCOUT
VDD1
−0.5
V
Low level output voltage
VOL
IOUT = 4 mA, except OSCOUT
0.5
V
High level leakage current
ILOH
D0/DATA, D1 to D7/NS
VIN/OUT = VDD1
10
µA
Low level leakage current
ILOL
D0/DATA, D1 to D7/NS
VIN/OUT = VSS
−10
µA
Common output ON
resistance
RCOM
VLCn
→COMn, VLCD ≥ 2 VDD2
|IO| = 50
µA
2k
Ω
Segment output ON
resistance
RSEG
VLCn
→SEGn, VLCD ≥ 2 VDD2
|IO| = 50
µA
4k
Ω
VLCD
VCHA = L, Note
1.8
VDD2
2.0
VDD2
V
Driver supply voltage
(Booster voltage)
VCHA = H, Note
2.7
VDD2
3.0
VDD2
V
Logic system current
consumption (VDD1)
IDD11
fOSC = 30 kHz, no load
VDD1 = VDD2 = 3.0 V,
Not to access RAM
30
µA
fOSC = 30 kHz, no load
VDD1 = VDD2 = 3.0 V,
To access RAM
60
µA
Driver system current
consumption (VDD2)
IDD21
fOSC = 30 kHz,
All display OFF data output,
VDD1 = VDD2 = 3.0 V, VCHA = H,
Note
150
µA
Remark The TYP. value is a reference value when TA = 25
°C.
Note Measurement circuit
DACHA
+
-
AmpIN(+)
D/A
Converter
Reference Power Circuit
AmpOUT
AmpIN(-)
VDD1
VLC1
VLC2
VLC3
VLC4
VLC5
VEE
VEXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com