Electronic Components Datasheet Search
  English  ▼

X  

IRFP2907 Datasheet(PDF) 9 Page - International Rectifier

Part # IRFP2907
Description  Power MOSFET(Vdss=75V, Rds(on)=4.5mohm, Id=209A??
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP2907 Datasheet(HTML) 9 Page - International Rectifier

  IRFP2907 Datasheet HTML 1Page - International Rectifier IRFP2907 Datasheet HTML 2Page - International Rectifier IRFP2907 Datasheet HTML 3Page - International Rectifier IRFP2907 Datasheet HTML 4Page - International Rectifier IRFP2907 Datasheet HTML 5Page - International Rectifier IRFP2907 Datasheet HTML 6Page - International Rectifier IRFP2907 Datasheet HTML 7Page - International Rectifier IRFP2907 Datasheet HTML 8Page - International Rectifier IRFP2907 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRFP2907
www.irf.com
9
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111
IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936
Data and specifications subject to change without notice9/00
TO - 247 Package Outline
L E AD AS S IG N M E N T S
NO T E S:
- D -
5.3 0 (.20 9)
4.7 0 (.18 5)
2 .50 (.089)
1 .50 (.059)
4
3X
0 .80 (.031)
0 .40 (.016)
2.60 (.10 2)
2.20 (.08 7)
3.4 0 (.1 33)
3.0 0 (.1 18)
3X
0 .25 (.010 ) M
CA S
4 .30 (.170 )
3 .70 (.145 )
- C -
2X
5.50 (.2 17)
4.50 (.1 77)
5.50 (.21 7)
0.25 (.01 0)
1 .40 (.056 )
1 .00 (.039 )
3.65 (.143 )
3.55 (.140 )
D
M
M
B
- A -
15.90 (.6 26)
15.30 (.6 02)
- B -
12
3
20.30 (.80 0)
19.70 (.77 5)
14.80 (.583 )
14.20 (.559 )
2 .40 (.094)
2 .00 (.079)
2X
2X
5.45 (.21 5)
1 DIM E NS IO N IN G & T O L E RANC IN G
PER ANS I Y1 4 .5 M , 1 9 8 2 .
2 CO NT RO L L IN G DIM E NS IO N : INCH.
3 CO NF O R M S T O J E DE C O U T L IN E
T O -2 4 7 -A C .
1 - G A T E
2 - D R A IN
3 - S O URCE
4 - D R A IN
Dimensions are shown in millimeters (inches)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com