Electronic Components Datasheet Search
  English  ▼

X  

IRFP460P Datasheet(PDF) 8 Page - International Rectifier

Part # IRFP460P
Description  Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP460P Datasheet(HTML) 8 Page - International Rectifier

  IRFP460P Datasheet HTML 1Page - International Rectifier IRFP460P Datasheet HTML 2Page - International Rectifier IRFP460P Datasheet HTML 3Page - International Rectifier IRFP460P Datasheet HTML 4Page - International Rectifier IRFP460P Datasheet HTML 5Page - International Rectifier IRFP460P Datasheet HTML 6Page - International Rectifier IRFP460P Datasheet HTML 7Page - International Rectifier IRFP460P Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
www.irf.com
IRFP460P
Part Marking Information
Package Outline
L E AD AS S IG N M E N T S
NO T E S:
- D -
5.3 0 (.20 9)
4.7 0 (.18 5)
2 .50 (.089)
1 .50 (.059)
4
3X
0 .80 (.031)
0 .40 (.016)
2.60 (.10 2)
2.20 (.08 7)
3.4 0 (.1 33)
3.0 0 (.1 18)
3X
0 .25 (.010 ) M
CA S
4 .30 (.170 )
3 .70 (.145 )
- C -
2X
5.50 (.2 17)
4.50 (.1 77)
5.50 (.21 7)
0.25 (.01 0)
1 .40 (.056 )
1 .00 (.039 )
3.65 (.143 )
3.55 (.140 )
D
M
M
B
- A -
15.90 (.6 26)
15.30 (.6 02)
- B -
12
3
20.30 (.80 0)
19.70 (.77 5)
14.80 (.583 )
14.20 (.559 )
2 .40 (.094)
2 .00 (.079)
2X
2X
5.45 (.21 5)
1 DIM E NS IO N IN G & T O L E RANC IN G
PER ANS I Y1 4 .5 M , 1 9 8 2 .
2 CO NT RO L L IN G DIM E NS IO N : INCH.
3 CO NF O R M S T O J E DE C O U T L IN E
T O -2 4 7 -A C .
1 - G A T E
2 - D R A IN
3 - S O URCE
4 - D R A IN
IN T E R N A T IO N A L
R E C T IF IE R
L O G O
ASSEM BL Y
L O T
C O D E
EXAM PL E : T H IS IS A N IR F PE3 0
W IT H ASSEM BL Y
L O T C O D E 3 A 1 Q
PA R T N U M BER
DA T E CO DE
(Y Y W W )
YY = YE A R
WW WE E K
3A 1Q
9302
IR F PE3 0
A
TO-247AC
TO-247AC
Dimensions are shown in millimeters (inches)
Data and specifications subject to change without notice.
This product has been designed and qualified for the industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.12/00



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com