Electronic Components Datasheet Search
  English  ▼

X  

IRFV260 Datasheet(PDF) 3 Page - International Rectifier

Part # IRFV260
Description  TRANSISTOR N-CHANNEL(Vdss=200V, Rds(on)=0.060ohm, Id=45A*)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFV260 Datasheet(HTML) 3 Page - International Rectifier

  IRFV260 Datasheet HTML 1Page - International Rectifier IRFV260 Datasheet HTML 2Page - International Rectifier IRFV260 Datasheet HTML 3Page - International Rectifier IRFV260 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Thermal Resistance
Parameter
Min. Typ. Max. Units Test Conditions
RthJC
Junction-to-Case
—
—
0.42
RthJA
Junction-to-Ambient
—
—
30
K/W
…
typical socket mount
RthCS
Case-to-Sink
—
0.21
—
mounting surface flat, smooth
Source-Drain Diode Ratings and Characteristics
Parameter
Min. Typ. Max. Units
Test Conditions
IS
Continuous Source Current (Body Diode)
—
—
45*
Modified MOSFET symbol showing the
ISM
Pulse Source Current (Body Diode)

—
—
180
A
integral reverse p-n junction rectifier.
VSD Diode Forward Voltage
—
—
1.8
V
Tj = 25°C, IS = 45A, VGS = 0V „
trr
Reverse Recovery Time
—
—
420
ns
Tj = 25°C, IF = 45A, di/dt ≤ 100A/µs
QRR Reverse Recovery Charge
—
—
4.9
µCVDD ≤ 50V „
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible.Turn-on speed is substantially controlled by LS + LD.
IRFV260 Device
 Repetitive Rating; Pulse width limited by
maximum junction temperature.
‚ @ VDD = 50V, Starting TJ = 25°C,
EAS = [0.5 * L * (I
L
2) * [BVDSS/(BVDSS-VDD)]
Peak IL = 45A, VGS = 10V, 25 ≤ RG ≤ 200Ω
ƒ ISD ≤ 45A, di/dt ≤ 130 A/µs,
VDD ≤ BVDSS, TJ ≤ 150°C
Suggested RG = 2.35
Ω
„ Pulse width ≤ 300 µs; Duty Cycle ≤ 2%
… K/W = °C/W
W/K = W/°C
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com