Electronic Components Datasheet Search
  English  ▼

X  

B126002 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B126002
Description  2-Port HDMI over Cat5-Cat6 Extender Splitter,Box-Style Transmitter for Video and Audio,1920x1200 1080p at 60Hz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B126002 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B126002 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B126002 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B126002 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For longer extension distances, use a B126-1A0 or B126-1A0-WP-1 active receiver:
A 1080p (60Hz) signal can be transmitted up to 150 ft.
A 1080i (60Hz) signal can be transmitted up to 200 ft.
A 3D signal can be transmitted up to 125 ft.
For shorter distances, use a B126-1P0 or B126-1P0-WP passive receiver:
A 1080p (60Hz) signal can be transmitted up to 50 ft.
A 1080i (60Hz) signal can be transmitted up to 100 ft.
Cannot be use for a 3D signal
Further extend the signal range or add more displays by using a Tripp Lite B126-110 Remote Repeater unit:
Add up to three repeaters on each channel of the B126-002 for a total of 4 displays per channel (A receiver
should be the last unit in a channel)
A 1080p (60Hz) signal can be extended up to 125 ft. for each repeater added into a channel
A 1080i (60Hz) signal can be extended up to 175 ft. for each repeater added into a channel
A 3D signal can be extended up to 100 ft. for each repeater added into a channel
2-Port HDMI over Cat5/Cat6 Extender Splitter,
Box-Style Transmitter for Video and Audio,
1920x1200 1080p at 60Hz
MODEL NUMBER: B126-002
Description
Tripp Lite's 2-Port HDMI over Cat5/Cat6 Extender Splitter Transmitter sends a 1080p (60Hz) signal to two monitors up to 150 ft. away using Cat5e/6 cable. To
achieve maximum distance and resolution, use 24Awg Solid Wire Cat5e/6 cable. (Tripp Lite's N202-Series). Further extend the signal range or add more
displays by using a Tripp Lite B126-110 Remote Repeater unit. Supports 24-bit True Color (8-bits per channel), HDCP, 3D, and both stereo audio and 7.1
channel surround sound audio (7.1 channel surround sound signal will be Multi-Channel or PCM). Mounting hardware is included that allows the B126-002 to
be rackmounted, wall-mounted or pole-mounted.
Features
Supports computer video resolutions up to 1920 x 1200, and HD resolutions up to 1080p (60Hz)
Highlights
Extends a 1080p (60Hz) signal to
two monitors up to 150 ft. using a
single Cat5e/6 cable
Further extend the signal range
or add more monitors by adding
repeaters.
Supports video resolutions up to
1920 x 1200, and HD resolutions
up to 1080p (60Hz)
Compatible with HDCP, 3D, and
both stereo audio and 7.1
channel surround sound audio
(Multi-Channel or PCM)
Supports 24-bit True Color (8-bits
per channel)
Compliant with the Federal Trade
Agreements Act (TAA) for GSA
Schedule purchases
Package Includes
B126-002 HDMI Over Cat5
Extender/Splitter, 2-Port
Mounting hardware
External power supply (Input:
100-240V, 50/60Hz, 0.5A Output:
5V, 2A)
Owner's Manual
1 / 3


Similar Part No. - B126002

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B126004 TRIPPLITE-B126004 Datasheet
543Kb / 3P
4-Port HDMI over Cat5-Cat6 Extender Splitter,Box-Style Transmitter for Video and Audio,1920x1200 1080p at 60Hz
More results

Similar Description - B126002

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B1261A0 TRIPPLITE-B1261A0 Datasheet
535Kb / 3P
HDMI over Cat5-Cat6 Active Extender, Box-Style Remote Receiver for Video and Audio, 1920x1200 at 60Hz-1080p
B1261A1 TRIPPLITE-B1261A1 Datasheet
527Kb / 3P
HDMI over Cat5-Cat6 Active Extender Kit, Box-Style Transmitter and Receiver for Video and Audio, 1920x1200 at 60Hz-1080p
B1261P0 TRIPPLITE-B1261P0 Datasheet
505Kb / 2P
HDMI over Cat5-Cat6 Passive Extender, Box-Style Remote Receiver for Video and Audio, 1920x1200 1080p at 60Hz
B1261P0WP1 TRIPPLITE-B1261P0WP1 Datasheet
501Kb / 2P
HDMI over Cat5-Cat6 Passive Extender, Wallplate Remote Receiver for Video and Audio, 1920x1200 1080p at 60Hz
B1262X2 TRIPPLITE-B1262X2 Datasheet
497Kb / 2P
2x2 HDMI over Cat5 - Cat6 Matrix Splitter Switch,Transmitter for Video and Audio, 1920x1200 1080p at 60Hz
B1264X4 TRIPPLITE-B1264X4 Datasheet
490Kb / 3P
4x4 HDMI over Cat5-Cat6 Matrix Splitter Switch,Transmitter for Video and Audio, 1920x1200 1080p at 60Hz
B126004 TRIPPLITE-B126004 Datasheet
543Kb / 3P
4-Port HDMI over Cat5-Cat6 Extender Splitter,Box-Style Transmitter for Video and Audio,1920x1200 1080p at 60Hz
B126110 TRIPPLITE-B126110 Datasheet
508Kb / 3P
HDMI over Cat5-Cat6 Active Extender, Box-Style Remote Repeater for Video and Audio, 1920x1200 at 60Hz-1080p
B12510160WP TRIPPLITE-B12510160WP Datasheet
492Kb / 2P
HDMI over Dual Cat5-Cat6 Extender Kit, Wallplate Transmitter and Receiver for Video and Audio,1920x1200 1080p at 60Hz (HDMI M-F)
B1261A1WP TRIPPLITE-B1261A1WP Datasheet
510Kb / 3P
HDMI over Cat5-Cat6 Extender Kit, Extended Range Wallplate Transmitter and Receiver for Video and Audio, 1920x1200 1080p at 60Hz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com