Electronic Components Datasheet Search
  English  ▼

X  

B126002 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B126002
Description  2-Port HDMI over Cat5-Cat6 Extender Splitter,Box-Style Transmitter for Video and Audio,1920x1200 1080p at 60Hz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B126002 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B126002 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B126002 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B126002 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
24Awg, Solid Wire Cat5e/6 cable, such as Tripp Lite's N202-Series, is required to achieve maximum distance and resolution.
Use Tripp Lite P568-Series HDMI cables to connect to HDMI source and monitor.
Extends a 1080p (60Hz) signal up to 150 ft. when used with a B126-1A0 or B126-1A0-WP-1 active remote receiver unit.
Extends a 1080p (60Hz) signal up to 50 ft. when used with a B126-1P0 or B126-1P0-WP passive remote receiver unit.
Extends a 3D signal up to 125 ft. when used with an active remote receiver unit. A 3D signal cannot be extended using a passive remote receiver unit.
Further extend the signal range or add more displays by using a Tripp Lite B126-110 Remote Repeater unit.
Connect up to 4 remote units in a repeater chain (3 repeaters and 1 active receiver), with a monitor at each location.
Extends a 1080p (60Hz) signal up to 125 ft., or a 3D signal up to 100 ft., from the B126-002 transmitter to the first repeater unit in the installation
Extends a 1080p (60Hz) signal up to an additional 125 ft., or a 3D signal up to an additional 100 ft., from each repeater unit to the next unit in the
installation
Supports 24-bit True Color (8-bits per channel)
Compatible with both stereo audio and 7.1 channel surround sound audio (7.1 channel surround sound signal will be Multi-Channel or PCM).
HDCP compatible
Mounting hardware is included that allows the B126-002 to be rackmounted, wallmounted or pole mounted
Compatible with all operating systems
Plug and play; No drivers required
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
Yes
Display Style
Splitter
Model Type
HDMI
Cable Types
CAT5/CAT5E
PHYSICAL
Unit Dimensions (hwd / in.)
1 x 2.5 x 3.6
Unit Dimensions (hwd / cm)
2.54 x 6.35 x 9.14
Included Mounting Accessories
Yes
Color
Black
ENVIRONMENTAL
Operating Temperature Range
0 to 40 C (32 to 104 F)
Storage Temperature Range
-20 to 60 C (-4 to 140 F)
Relative Humidity
20 to 90%
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com