Electronic Components Datasheet Search
  English  ▼

X  

IRFZ24NS Datasheet(PDF) 4 Page - International Rectifier

Part # IRFZ24NS
Description  Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ24NS Datasheet(HTML) 4 Page - International Rectifier

  IRFZ24NS Datasheet HTML 1Page - International Rectifier IRFZ24NS Datasheet HTML 2Page - International Rectifier IRFZ24NS Datasheet HTML 3Page - International Rectifier IRFZ24NS Datasheet HTML 4Page - International Rectifier IRFZ24NS Datasheet HTML 5Page - International Rectifier IRFZ24NS Datasheet HTML 6Page - International Rectifier IRFZ24NS Datasheet HTML 7Page - International Rectifier IRFZ24NS Datasheet HTML 8Page - International Rectifier IRFZ24NS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRFZ24NS/L
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 8. Maximum Safe Operating Area
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
100
200
300
400
500
600
700
1
1 0
100
DS
V
, D rain-to -S ou rce Volta ge (V )
A
V
= 0 V,
f = 1M H z
C
= C
+ C
, C
SH OR TE D
C
= C
C
= C
+ C
GS
is s
gs
gd
ds
rss
gd
oss
d s
gd
C iss
C oss
C rs s
1
10
100
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
T = 25 °C
J
V
= 0 V
GS
V
, S o urce-to-Drain Vo ltage (V )
SD
A
T = 175°C
J
1
10
100
1000
1
1 0
100
V
, Dra in -to-So urce Vo ltag e (V)
DS
OPE R ATIO N IN TH IS A RE A LI MI TE D
BY R DS(o n)
10µs
100µ s
1m s
10m s
A
T
= 25 °C
T
= 17 5°C
Sing le Pulse
C
J
0
4
8
12
16
20
0
4
8
12
16
20
Q
, To tal Ga te Ch arg e (nC )
G
A
FO R TES T CIRCUI T
SEE FIG U R E 13
V
= 4 4V
V
= 2 8V
I
= 1 0A
DS
DS
D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com