Electronic Components Datasheet Search
  English  ▼

X  

IRFZ24NS Datasheet(PDF) 1 Page - International Rectifier

Part # IRFZ24NS
Description  Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ24NS Datasheet(HTML) 1 Page - International Rectifier

  IRFZ24NS Datasheet HTML 1Page - International Rectifier IRFZ24NS Datasheet HTML 2Page - International Rectifier IRFZ24NS Datasheet HTML 3Page - International Rectifier IRFZ24NS Datasheet HTML 4Page - International Rectifier IRFZ24NS Datasheet HTML 5Page - International Rectifier IRFZ24NS Datasheet HTML 6Page - International Rectifier IRFZ24NS Datasheet HTML 7Page - International Rectifier IRFZ24NS Datasheet HTML 8Page - International Rectifier IRFZ24NS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRFZ24NS/L
HEXFET® Power MOSFET
PD - 9.1355B
l Advanced Process Technology
l Surface Mount (IRFZ24NS)
l Low-profile through-hole (IRFZ24NL)
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
3.3
RθJA
Junction-to-Ambient ( PCB Mounted,steady-state)**
–––
40
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
…
17
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
…
12
A
IDM
Pulsed Drain Current
…
68
PD @TA = 25°C
Power Dissipation
3.8
W
PD @TC = 25°C
Power Dissipation
45
W
Linear Derating Factor
0.30
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚…
71
mJ
IAR
Avalanche Current

10
A
EAR
Repetitive Avalanche Energy

4.5
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ…
6.8
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low
on-resistance per silicon area.
This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power MOSFETs
are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of
applications.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest power capability and the lowest possible on-
resistance in any existing surface mount package. The
D2Pak is suitable for high current applications because of
its low internal connection resistance and can dissipate
up to 2.0W in a typical surface mount application.
The through-hole version (IRFZ24NL) is available for low-
profile applications.
Description
VDSS = 55V
RDS(on) = 0.07Ω
ID = 17A
2
D
P a k
T O - 262
S
D
G
9/22/97


Similar Part No. - IRFZ24NS

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
IRFZ24NS TEL-IRFZ24NS Datasheet
159Kb / 2P
Power MOSFET
logo
International Rectifier
IRFZ24NS IRF-IRFZ24NS Datasheet
169Kb / 11P
Advanced Process Technology
logo
VBsemi Electronics Co.,...
IRFZ24NS VBSEMI-IRFZ24NS Datasheet
2Mb / 9P
N-Channel 60 V (D-S) MOSFET
logo
International Rectifier
IRFZ24NSPBF IRF-IRFZ24NSPBF Datasheet
670Kb / 10P
HEXFET Power MOSFET
IRFZ24NSPBF IRF-IRFZ24NSPBF Datasheet
680Kb / 11P
Advanced Process Technology
More results

Similar Description - IRFZ24NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3315 IRF-IRF3315 Datasheet
124Kb / 8P
Power MOSFET(Vdss=150V, Rds(on)=0.07ohm, Id=27A)
IRF530N IRF-IRF530N Datasheet
212Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=90mohm, Id=17A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRFIZ24N IRF-IRFIZ24N Datasheet
105Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=14A)
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFRU024N IRF-IRFRU024N Datasheet
178Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=17A??
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com