Electronic Components Datasheet Search
  English  ▼

X  

IRFZ34 Datasheet(PDF) 6 Page - International Rectifier

Part # IRFZ34
Description  Power MOSFET(Vdss=55V, Rds(on)=0.040ohm, Id=26A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ34 Datasheet(HTML) 6 Page - International Rectifier

  IRFZ34 Datasheet HTML 1Page - International Rectifier IRFZ34 Datasheet HTML 2Page - International Rectifier IRFZ34 Datasheet HTML 3Page - International Rectifier IRFZ34 Datasheet HTML 4Page - International Rectifier IRFZ34 Datasheet HTML 5Page - International Rectifier IRFZ34 Datasheet HTML 6Page - International Rectifier IRFZ34 Datasheet HTML 7Page - International Rectifier IRFZ34 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRFZ34N
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12a. Unclamped Inductive Test Circuit
Fig 12b. Unclamped Inductive Waveforms
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
10 V
Appendix B: Package Outline Mechanical Drawing
Appendix A: Figure 14, Peak Diode Recovery dv/dt Test Circuit
Appendix C: Part Marking Information
10 V
0
50
100
150
200
250
25
50
75
100
125
150
175
J
A
Starting T , Junction Temperature (°C)
V
= 25V
I
TOP
6.5A
11A
BOTTOM
16A
DD
D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com