Electronic Components Datasheet Search
  English  ▼

X  

IRFZ34 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFZ34
Description  Power MOSFET(Vdss=55V, Rds(on)=0.040ohm, Id=26A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ34 Datasheet(HTML) 1 Page - International Rectifier

  IRFZ34 Datasheet HTML 1Page - International Rectifier IRFZ34 Datasheet HTML 2Page - International Rectifier IRFZ34 Datasheet HTML 3Page - International Rectifier IRFZ34 Datasheet HTML 4Page - International Rectifier IRFZ34 Datasheet HTML 5Page - International Rectifier IRFZ34 Datasheet HTML 6Page - International Rectifier IRFZ34 Datasheet HTML 7Page - International Rectifier IRFZ34 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFZ34N
HEXFET® Power MOSFET
PD - _____
8/29/95
VDSS = 55V
RDS(on) = 0.040Ω
ID = 26A
Fifth Generation HEXFETs from International Rectifier utilize advanced processing
techniques to achieve the lowest possible on-resistance per silicon area. This
benefit, combined with the fast switching speed and ruggedized device design that
HEXFET Power MOSFETs are well known for, provides the designer with an
extremely efficient device for use in a wide variety of applications.
The TO-220 package is universally preferred for all commercial-industrial
applications at power dissipation levels to approximately 50 watts.
The low
thermal resistance and low package cost of the TO-220 contribute to its wide
acceptance throughout the industry.
Description
PRELIMINARY
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, V GS @ 10V
26
ID @ TC = 100°C
Continuous Drain Current, V GS @ 10V
18
A
IDM
Pulsed Drain Current
100
PD @TC = 25°C
Power Dissipation
56
W
Linear Derating Factor
0.37
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
110
mJ
IAR
Avalanche Current
16
A
EAR
Repetitive Avalanche Energy
5.6
mJ
dv/dt
Peak Diode Recovery dv/dt
4.6
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case
––––
––––
2.7
RθCS
Case-to-Sink, Flat, Greased Surface
––––
0.50
––––
°C/W
RθJA
Junction-to-Ambient
––––
––––
62
Advanced Process Technology
Dynamic dv/dt Rating
175°C Operating Temperature
Fast Switching
Fully Avalanche Rated


Similar Part No. - IRFZ34

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFZ34 VISHAY-IRFZ34 Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
IRFZ34 VISHAY-IRFZ34 Datasheet
1Mb / 9P
Power MOSFET
21-Mar-11
IRFZ34 VISHAY-IRFZ34 Datasheet
1Mb / 9P
Power MOSFET
21-Mar-11
logo
Kersemi Electronic Co.,...
IRFZ34 KERSEMI-IRFZ34 Datasheet
3Mb / 7P
Power MOSFET
logo
New Jersey Semi-Conduct...
IRFZ34 NJSEMI-IRFZ34 Datasheet
679Kb / 2P
Power MOSFET
More results

Similar Description - IRFZ34

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRCZ24 IRF-IRCZ24 Datasheet
145Kb / 6P
Power MOSFET(Vdss=55V, Rds(on)=0.040ohm, Id=26A)
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF9Z34N IRF-IRF9Z34N Datasheet
108Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRF9Z34NS IRF-IRF9Z34NS Datasheet
162Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRFB260N IRF-IRFB260N Datasheet
90Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.040ohm, Id=56A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRFI1010N IRF-IRFI1010N Datasheet
109Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=49A)
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com