Electronic Components Datasheet Search
  English  ▼

X  

B12200060 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B12200060
Description  HDMI In-Line Signal Booster-Extender, 1920x1200 at 60Hz/1080p (HDMI F-F)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B12200060 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B12200060 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B12200060 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The B122-000-60 has been designed for use with Tripp Lite P568-Series HDMI cables. To ensure maximum
distance and performance, it is recommended that you use Tripp Lite P568-Series HDMI cabling. For
distances over 75-ft, 24AWG cable such as Tripp Lite's P568-100-HD is required.
Although most installations will not require power, a Micro USB port is provided in the event power is needed.
Using a Micro USB cable (such as Tripp Lite's UR05C-Series), connect the Micro USB port to a USB wall
charger, the USB port on your monitor, or the USB port on a computer.
HDMI In-Line Signal Booster/Extender, 1920x1200 at
60Hz/1080p (HDMI F/F)
MODEL NUMBER: B122-000-60
Description
Tripp Lite's B122-000-60 HDMI Signal Extender increases the distance a 1080p @ 60Hz (or 1920 x 1200) signal
can be transmitted beyond the recommended 16-ft. (5M). It supports computer video resolutions up to 1920 x
1200, and HD resolutions up to 1080p @ 60Hz, at a maximum distance of 150-ft. from the source. Use standard
P568-Series HDMI cables in most applications. When extending a 1080p @ 60Hz (or 1920 x 1200) signal more
than 75 ft., use cable made with 24Awg wiring, such as the P568-100-HD. (Lengths over 100 ft. are available
from Tripp Lite as a custom order) 24Awg HDMI cable is also needed when extending a 3D signal more than
50-ft.. A 3D signal can be extended up to 125-ft. using 24Awg HDMI cable. Simply connect the longer cable
between the source and the B122-000-60, and the shorter cable (16-ft. or less) between the adapter and the
monitor. Software or drivers are not required. External power is not required in most installations. Built-in
Equalization control to adjust the video image. HDCP compliant. Compliant with the Federal Trade Agreements
Act (TAA) for GSA Schedule purchases.
Features
Extend a 1080p @ 60Hz (or 1920 x 1200) HDMI signal up to 150-ft. from the source
Use standard P568-Series HDMI cables in most applications
When extending a 1080p @ 60Hz (or 1920 x 1200) signal more than 75-ft., use cable made with 24Awg
wiring, such as the P568-100-HD. (Lengths over 100-ft. are available from Tripp Lite as a custom order)
24Awg HDMI cable is also needed when extending a 3D signal more than 50-ft.. A 3D signal can be extended
up to 125-ft. using 24Awg HDMI cable
Supports up to 36-bit Deep Color (12-bits per channel)
Highlights
Extend a 1080p @ 60Hz (or 1920
x 1200) HDMI signal up to 150-ft.
from the source
Supports DTS-HD, Dolby True
HD and 7.1 Channel Surround
Sound Audio
No external power required in
most installations
Compliant with the Federal Trade
Agreements Act (TAA) for GSA
Schedule purchases
System Requirements
A HDMI source, such as a
Blu-Ray player
A display with a HDMI port
The B122-000-60 has been
designed for use with Tripp Lite
P568-Series HDMI cables. To
ensure maximum distance and
performance, it is recommended
that you use Tripp Lite
P568-Series HDMI cabling. For
distances over 75-ft, 24AWG
cable such as Tripp Lite's
P568-100-HD is required.
Although most installations will
not require power, a Micro USB
port is provided in the event
power is needed. Using a Micro
USB cable (such as Tripp Lite's
UR05C-Series), connect the
Micro USB port to a USB wall
charger, the USB port on your
monitor, or the USB port on a
computer.
Package Includes
B122-000-60 HDMI Signal
Extender
Owner's Manual
1 / 2


Similar Part No. - B12200060

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B122000 TRIPPLITE-B122000 Datasheet
501Kb / 2P
HDMI In-Line Signal Booster-Extender, 1920x1200 at 24Hz-1080p (HDMI F-F)
More results

Similar Description - B12200060

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B120000SL TRIPPLITE-B120000SL Datasheet
507Kb / 2P
DVI Extender Equalizer, Single-Link Video Repeater,1920x1200 at 60Hz - 1080p (DVI F-F)
B122000 TRIPPLITE-B122000 Datasheet
501Kb / 2P
HDMI In-Line Signal Booster-Extender, 1920x1200 at 24Hz-1080p (HDMI F-F)
B123001 TRIPPLITE-B123001 Datasheet
473Kb / 2P
HDMI Signal Booster-Extender Cable, 1920x1200 at 24Hz-1080p (HDMI M-F), 1-ft
B12300160 TRIPPLITE-B12300160 Datasheet
497Kb / 2P
HDMI Signal Booster-Extender Cable, 1920x1200 at 60Hz-1080p (HDMI M-F), 1-ft
B12510160 TRIPPLITE-B12510160 Datasheet
492Kb / 2P
HDMI over Dual Cat5-Cat6 Extender Kit, In-Line Transmitter and Receiver for Video and Audio, 1920x1200 1080p at 60Hz (HDMI M-F)
B12510160WP TRIPPLITE-B12510160WP Datasheet
492Kb / 2P
HDMI over Dual Cat5-Cat6 Extender Kit, Wallplate Transmitter and Receiver for Video and Audio,1920x1200 1080p at 60Hz (HDMI M-F)
B118002 TRIPPLITE-B118002 Datasheet
493Kb / 2P
2-Port HDMI Splitter for Video with Audio 1920x1200 at 60Hz-1080p (HDMI F-2xF)
B118004 TRIPPLITE-B118004 Datasheet
489Kb / 2P
4-Port HDMI Splitter for Video and Audio, 1920x1200 at 60Hz-1080p (HDMI F-4xF)
B123-001 TRIPPLITE-B123-001 Datasheet
165Kb / 3P
HDMI Signal Booster/Extender Cable (1-ft.), 1920x1200 at 24Hz/1080p (HDMI M/F), Up to 150-ft., TAA
B123-001-60 TRIPPLITE-B123-001-60 Datasheet
165Kb / 3P
HDMI Signal Booster/Extender Cable (1-ft.), 1920x1200 at 60Hz/1080p (HDMI M/F), Up to 125-ft., TAA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com