Electronic Components Datasheet Search
  English  ▼

X  

B12200060 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B12200060
Description  HDMI In-Line Signal Booster-Extender, 1920x1200 at 60Hz/1080p (HDMI F-F)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B12200060 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B12200060 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B12200060 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Supports up to 36-bit Deep Color (12-bits per channel)
Supports DTS-HD, Dolby True HD and 7.1 Channel Surround Sound Audio
No external power required in most installations
Built-in Equalization control to adjust the video image
HDCP compliant
No software or drivers required
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
Yes
Display Style
Signal Booster
Model Type
HDMI
Cable Types
CAT5/CAT5E
CONNECTIONS
Connector A
HDMI (FEMALE)
Connector B
HDMI (FEMALE)
Number of Connectors
2
WARRANTY
Product Warranty Period (Worldwide)
1-year limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com