Electronic Components Datasheet Search
  English  ▼

X  

IRFZ44Z Datasheet(PDF) 10 Page - International Rectifier

Part # IRFZ44Z
Description  Power MOSFET(Vdss=55V, Rds(on)=13.9mohm, Id=51A)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ44Z Datasheet(HTML) 10 Page - International Rectifier

Back Button IRFZ44Z Datasheet HTML 4Page - International Rectifier IRFZ44Z Datasheet HTML 5Page - International Rectifier IRFZ44Z Datasheet HTML 6Page - International Rectifier IRFZ44Z Datasheet HTML 7Page - International Rectifier IRFZ44Z Datasheet HTML 8Page - International Rectifier IRFZ44Z Datasheet HTML 9Page - International Rectifier IRFZ44Z Datasheet HTML 10Page - International Rectifier IRFZ44Z Datasheet HTML 11Page - International Rectifier IRFZ44Z Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IRFZ44Z/S/L
10
www.irf.com
D2Pak Part Marking Information
F530S
THIS IS AN IRF530S WITH
LOT CODE 8024
ASS EMBLED ON WW 02, 2000
IN THE ASS EMBLY LINE "L"
ASS EMBLY
LOT CODE
INTERNATIONAL
RECTIFIER
LOGO
PART NUMBER
DATE CODE
YEAR 0 = 2000
WEEK 02
LINE L
DATE CODE
IN THE ASS EMBLY LINE "L"
ASS EMBLED ON WW 02, 2000
THIS IS AN IRF530S WITH
LOT CODE 8024
INTERNATIONAL
LOGO
RECTIFIER
LOT CODE
PART NUMBER
F530S
For GB Production
D2Pak Package Outline
Dimensions are shown in millimeters (inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com