Electronic Components Datasheet Search
  English  ▼

X  

IRFZ44Z Datasheet(PDF) 11 Page - International Rectifier

Part # IRFZ44Z
Description  Power MOSFET(Vdss=55V, Rds(on)=13.9mohm, Id=51A)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ44Z Datasheet(HTML) 11 Page - International Rectifier

Back Button IRFZ44Z Datasheet HTML 4Page - International Rectifier IRFZ44Z Datasheet HTML 5Page - International Rectifier IRFZ44Z Datasheet HTML 6Page - International Rectifier IRFZ44Z Datasheet HTML 7Page - International Rectifier IRFZ44Z Datasheet HTML 8Page - International Rectifier IRFZ44Z Datasheet HTML 9Page - International Rectifier IRFZ44Z Datasheet HTML 10Page - International Rectifier IRFZ44Z Datasheet HTML 11Page - International Rectifier IRFZ44Z Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
IRFZ44Z/S/L
www.irf.com
11
TO-262 Package Outline
Dimensions are shown in millimeters (inches)
TO-262 Part Marking Information
EXAMPLE: T HIS IS AN IRL3103L
LOT CODE 1789
AS SEMBLY
PART NUMBER
DATE CODE
WEEK 19
LINE C
LOT CODE
YEAR 7 = 1997
ASS EMBLED ON WW 19, 1997
IN THE ASS EMBLY LINE "C"
LOGO
RECTIFIER
INT ERNATIONAL
IGBT
1- GATE
2- COLLECTOR
3- EMITTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com