Electronic Components Datasheet Search
  English  ▼

X  

G4BC40S Datasheet(PDF) 8 Page - International Rectifier

Part # G4BC40S
Description  INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.=1.32V, @Vge=15V, Ic=31A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

G4BC40S Datasheet(HTML) 8 Page - International Rectifier

  G4BC40S Datasheet HTML 1Page - International Rectifier G4BC40S Datasheet HTML 2Page - International Rectifier G4BC40S Datasheet HTML 3Page - International Rectifier G4BC40S Datasheet HTML 4Page - International Rectifier G4BC40S Datasheet HTML 5Page - International Rectifier G4BC40S Datasheet HTML 6Page - International Rectifier G4BC40S Datasheet HTML 7Page - International Rectifier G4BC40S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRG4BC40S
8
www.irf.com
Case Outline and Dimensions — TO-220AB
0.55 (.022)
0.46 (.018)
3 X
2.92 (.115)
2.64 (.104)
1.32 (.052)
1.22 (.048)
- B -
4.69 (.185)
4.20 (.165)
3.78 (.149)
3.54 (.139)
- A -
6.47 (.255 )
6.10 (.240 )
1.15 (.045)
M IN
4.06 (.160 )
3.55 (.140 )
3 X
3.96 (.160)
3.55 (.140)
3 X
0.93 (.037)
0.69 (.027)
0.36 (.014)
M B A M
10.54 (.415)
10.29 (.405)
2.87 (.113)
2.62 (.103)
15.24 (.600)
14.84 (.584)
14.09 (.555)
13.47 (.530)
1.40 (.055)
1.15 (.045)
3 X
2.54 (.100)
2X
1
2
3
4
CONFORMS TO JEDEC OUTLINE TO-220AB
D im e n s io n s in M illim e te r s a n d (In c h e s )
L EAD ASSIG N M E NT S
1 - G A T E
2 - C O L LE C T O R
3 - E M IT T E R
4 - C O L LE C T O R
NO T ES:
1 DIM E NSIO NS & T O L E RANCING
P E R A N S I Y 14.5M , 1982.
2 CO NT R O L L IN G DIM E NSIO N : INCH.
3 D IM E N S IO N S A R E S H O W N
M ILL IM E T E R S (IN CHE S ).
4 CO NF O R M S T O JE DEC O U T L IN E
T O -220A B .
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111
IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936
Data and specifications subject to change without notice. 4/00



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com