Electronic Components Datasheet Search
  English  ▼

X  

G4BC40S Datasheet(PDF) 1 Page - International Rectifier

Part # G4BC40S
Description  INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.=1.32V, @Vge=15V, Ic=31A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

G4BC40S Datasheet(HTML) 1 Page - International Rectifier

  G4BC40S Datasheet HTML 1Page - International Rectifier G4BC40S Datasheet HTML 2Page - International Rectifier G4BC40S Datasheet HTML 3Page - International Rectifier G4BC40S Datasheet HTML 4Page - International Rectifier G4BC40S Datasheet HTML 5Page - International Rectifier G4BC40S Datasheet HTML 6Page - International Rectifier G4BC40S Datasheet HTML 7Page - International Rectifier G4BC40S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Max.
Units
VCES
Collector-to-Emitter Breakdown Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
60
IC @ TC = 100°C
Continuous Collector Current
31
A
ICM
Pulsed Collector Current
Q
120
ILM
Clamped Inductive Load Current
R
120
VGE
Gate-to-Emitter Voltage
± 20
V
EARV
Reverse Voltage Avalanche Energy
S
15
mJ
PD @ TC = 25°C
Maximum Power Dissipation
160
PD @ TC = 100°C
Maximum Power Dissipation
65
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (0.063 in. (1.6mm from case )
°C
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
IRG4BC40S
Standard Speed IGBT
INSULATED GATE BIPOLAR TRANSISTOR
PD - 91455B
E
C
G
n-channel
Features
Features
Features
Features
Features
• Standard: optimized for minimum saturation
voltage and low operating frequencies ( < 1kHz)
• Generation 4 IGBT design provides tighter
parameter distribution and higher efficiency than
Generation 3
• Industry standard TO-220AB package
• Generation 4 IGBTs offer highest efficiency available
• IGBTs optimized for specified application conditions
• Designed to be a "drop-in" replacement for equivalent
industry-standard Generation 3 IR IGBTs
Benefits
VCES = 600V
VCE(on) typ.
= 1.32V
@VGE = 15V, IC = 31A
4/17/2000
Absolute Maximum Ratings
W
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.77
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient, typical socket mount
–––
80
Wt
Weight
2.0 (0.07)
–––
g (oz)
Thermal Resistance
TO-220AB
www.irf.com
1


Similar Part No. - G4BC40S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
G4BC40U IRF-G4BC40U Datasheet
169Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.72V, @Vge=15V, Ic=20A)
More results

Similar Description - G4BC40S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC10S IRF-IRG4BC10S Datasheet
157Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.1.10V, @Vge=15V, Ic=2.0A)
IRG4BC20U IRF-IRG4BC20U Datasheet
167Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC30SS IRF-IRG4BC30SS Datasheet
152Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A)
IRG4BC40U IRF-IRG4BC40U Datasheet
169Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.72V, @Vge=15V, Ic=20A)
IRG4PC40S IRF-IRG4PC40S Datasheet
143Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.32V, @Vge=15V, Ic=31A)
IRG4PC40U IRF-IRG4PC40U Datasheet
148Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.1.72V, @Vge=15V, Ic=20A)
IRG4PC50F IRF-IRG4PC50F Datasheet
146Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.45V, @Vge=15V, Ic=39A)
IRGBC40S IRF-IRGBC40S Datasheet
249Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=31A)
IRGPC40S IRF-IRGPC40S Datasheet
251Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=31A)
IRG4BC30SS IRF-IRG4BC30SS_04 Datasheet
204Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com