Electronic Components Datasheet Search
  English  ▼

X  

IRG4PC30W Datasheet(PDF) 3 Page - International Rectifier

Part # IRG4PC30W
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.70V, @Vge=15V, Ic=12A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC30W Datasheet(HTML) 3 Page - International Rectifier

  IRG4PC30W Datasheet HTML 1Page - International Rectifier IRG4PC30W Datasheet HTML 2Page - International Rectifier IRG4PC30W Datasheet HTML 3Page - International Rectifier IRG4PC30W Datasheet HTML 4Page - International Rectifier IRG4PC30W Datasheet HTML 5Page - International Rectifier IRG4PC30W Datasheet HTML 6Page - International Rectifier IRG4PC30W Datasheet HTML 7Page - International Rectifier IRG4PC30W Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRG4PC30W
www.irf.com
3
Fig. 1 - Typical Load Current vs. Frequency
(For square wave, I=IRMS of fundamental; for triangular wave, I=IPK)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
0
10
20
30
40
0 . 1
1
10
100
f, Frequenc y (kHz)
A
60 % of ra te d
vo lt a g e
Ideal di odes
S q uare wave :
F o r bot h:
D uty cycle : 5 0%
T = 125° C
T
= 90 °C
G a te drive as s pec ified
sin k
J
T ria ng ular w a ve :
C lam p vo l ta g e :
80 % of r a te d
P o w e r D i s si p atio n = 2 4 W
1
10
100
1
10
V
, Collector-to-Emitter Voltage (V)
CE
V
= 15V
20µs PULSE WIDTH
GE
T = 25 C
J
°
T = 150 C
J
°
0.1
1
10
100
5.0
6.0
7.0
8.0
9.0
10.0
11.0
V
, Gate-to-Emitter Voltage (V)
GE
V
= 50V
5µs PULSE WIDTH
CC
T = 25 C
J
°
T = 150 C
J
°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com