Electronic Components Datasheet Search
  English  ▼

X  

IRG4PC30W Datasheet(PDF) 6 Page - International Rectifier

Part # IRG4PC30W
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.70V, @Vge=15V, Ic=12A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC30W Datasheet(HTML) 6 Page - International Rectifier

  IRG4PC30W Datasheet HTML 1Page - International Rectifier IRG4PC30W Datasheet HTML 2Page - International Rectifier IRG4PC30W Datasheet HTML 3Page - International Rectifier IRG4PC30W Datasheet HTML 4Page - International Rectifier IRG4PC30W Datasheet HTML 5Page - International Rectifier IRG4PC30W Datasheet HTML 6Page - International Rectifier IRG4PC30W Datasheet HTML 7Page - International Rectifier IRG4PC30W Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRG4PC30W
6
www.irf.com
Fig. 12 - Turn-Off SOA
Fig. 11 - Typical Switching Losses vs.
Collector-to-Emitter Current
0.1
1
10
100
1000
1
1 0
100
1000
CE
GE
V
, Collecto r-to-E m itter V oltage (V )
SA FE O PER AT IN G AR EA
V
= 2 0V
T
= 12 5 °C
GE
J
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
I
, Collector-to-emitter Current (A)
C
R
= Ohm
T
= 150 C
V
= 480V
V
= 15V
G
J
CC
GE
°
23
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com