Electronic Components Datasheet Search
  English  ▼

X  

AN3326 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3326
Description  SPC56EL60x hardware design guideline
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3326 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3326 Datasheet HTML 2Page - STMicroelectronics AN3326 Datasheet HTML 3Page - STMicroelectronics AN3326 Datasheet HTML 4Page - STMicroelectronics AN3326 Datasheet HTML 5Page - STMicroelectronics AN3326 Datasheet HTML 6Page - STMicroelectronics AN3326 Datasheet HTML 7Page - STMicroelectronics AN3326 Datasheet HTML 8Page - STMicroelectronics AN3326 Datasheet HTML 9Page - STMicroelectronics AN3326 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
On-chip voltage regulator
AN3326
6/21
DocID18333 Rev 3
2
On-chip voltage regulator
The SPC56EL60x device is supplied with 3.3 V ±10% (3.0–3.6 V). Additionally, the device’s
on-chip linear voltage regulator (VREG) generates a reference voltage enabling the
regulation of the 1.2 V via the internal or external ballast from the external 3.3 V voltage
supply.
The on-chip voltage regulator module provides the following main features:
Works with either an NPN external ballast transistor or the internal one
Auto-detection of the external ballast (if external ballast is not detected, SPC56EL60x
works with the internal one)
Low- and high-voltage detection on the 1.2 V supply
Low-voltage detection on the 3.3 V supply voltages
SPC56EL60x can work using either the internal ballast (see Figure 1) or an external one
(see Figure 2).
Figure 1. Block scheme of SPC56EL60x used with the internal ballast
1.
Grey blocks represent external passive components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com