Electronic Components Datasheet Search
  English  ▼

X  

AN3326 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3326
Description  SPC56EL60x hardware design guideline
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3326 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3326 Datasheet HTML 10Page - STMicroelectronics AN3326 Datasheet HTML 11Page - STMicroelectronics AN3326 Datasheet HTML 12Page - STMicroelectronics AN3326 Datasheet HTML 13Page - STMicroelectronics AN3326 Datasheet HTML 14Page - STMicroelectronics AN3326 Datasheet HTML 15Page - STMicroelectronics AN3326 Datasheet HTML 16Page - STMicroelectronics AN3326 Datasheet HTML 17Page - STMicroelectronics AN3326 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Supply pins and decoupling
AN3326
14/21
DocID18333 Rev 3
Figure 5. External ballast decoupling capacitors
1.
The 20 µF capacitor shall be placed as close as possible to the collector of the ballast.
In case the user would like to use the SPC56EL60x with the internal ballast, the capacitor of
Figure 5 are not needed.
Note:
A base capacitor is not needed in external or internal ballast configuration.
Figure 6 shows the decoupling capacitors needed by the logic supply pins (1.2 V). The
number of these pins depends on the chosen SPC56EL60x package (for example, the 144-
pin package includes six pairs of logic supply pins).
Figure 6. Core logic decoupling capacitors
1.
Total value of these capacitors shall be between 300nF and 900nF and total ESR between 1mOhm and
100mOhm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com