Electronic Components Datasheet Search
  English  ▼

X  

AN4035 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN4035
Description  Flash programming through
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4035 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN4035 Datasheet HTML 22Page - STMicroelectronics AN4035 Datasheet HTML 23Page - STMicroelectronics AN4035 Datasheet HTML 24Page - STMicroelectronics AN4035 Datasheet HTML 25Page - STMicroelectronics AN4035 Datasheet HTML 26Page - STMicroelectronics AN4035 Datasheet HTML 27Page - STMicroelectronics AN4035 Datasheet HTML 28Page - STMicroelectronics AN4035 Datasheet HTML 29Page - STMicroelectronics AN4035 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
On-Chip Emulation (OnCE)
AN4035
26/41
Doc ID 022669 Rev 2
saved GPR and WBBRlow, and then restoring the GPR. As an example, to read SPR 624,
first save r31. Then execute mfspr r31, 624. The value that was in SPR 624 is now in
WBBRlow of the CPUSCR and can be read by the external tool. Finally r31 should be
restored.
To write an SPR, single step over a mtspr instruction with the value to write to the SPR in
WBBRlow and the CTL[FFRA] bit set. For example, to write SPR 624 with the value
0x10050000, single step over mtspr 624, X with the value to write to SPR 624 in WBBRlow
and CTL[FFRA] set. The X in the instruction is replaced by WBBRlow.
DBCR0-3, DBSR, DBCNT, IAC1-4, DAC1-2 cannot be written by single stepping over mtspr
like the other SPRs while in external debug mode. They can however be written by the
method detailed in Section 3.2: OnCE register access.
3.12
OnCE memory access
There are two ways to access memory mapped locations on the SPC56x devices: one is
through the OnCE module, and the other is through the Nexus R/W access block. The
OnCE module method requires that the CPU be in debug mode. The Nexus R/W access
block does not require that the CPU be in debug mode. The Nexus R/W access block is also
the faster method of accessing memory. This section covers access to memory mapped
locations using the OnCE method. The Nexus R/W access block is covered in a following
section.
Writing a memory location is achieved by first reading the contents of a GPR and saving that
value, writing that GPR with the value to be written to memory, and single stepping over a
stw, sth, or stb instruction with the address to write in WBBRlow and the CTL[FFRA] bit set.
The GPR that was previously saved should be used as the rS field of the store instruction.
After single stepping over the store instruction, the saved GPR value should then be
restored. For example, to write the word 0xA5A5A5A5 to location 0x40000000, first save the
value in a r31. Then write the value 0xA5A5A5A5 to r31. The next step is to step over the
instruction stw r31, 0(X) with 0x40000000 in WBBRlow and the CTL[FFRA] bit set. The X in
the instruction is replaced by the WBBRlow register. GPR r31 should then be restored to its
saved value.
Reading a memory location is achieved by first reading the contents of a GPR and saving
that value, then single stepping a lwz, lhz, or lbz with the address to be read in WBBRlow
and the CTL[FFRA] bit set. The GPR that was previously saved should be used as the rD
field of the load instruction. The value read from the memory location is then in both the
WBBRlow and the GPR whose value was previously saved.
After single stepping the load instruction and getting the read data from WBBRlow, the saved
GPR value should then be restored. For example, to read a word from address location
0x40000000, first save the value in r31. Then single step over the instruction lwz r31, 0(X)
with 0x40000000 in WBBRlow and the CTL[FFRA] bit set. The X in the instruction is
replaced by the WBBRlow register. After the single step is complete, the data read from
memory can be read by the external tool from WBBRlow. GPR r31 should then be restored
to its saved value.
3.13
Breakpoints
The OnCE debug module provides the capability for both software and hardware
breakpoints to be set at a particular address.
As a reference, instruction address hardware breakpoints is also discussed in this section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com