Electronic Components Datasheet Search
  English  ▼

X  

AN4035 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN4035
Description  Flash programming through
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4035 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN4035 Datasheet HTML 30Page - STMicroelectronics AN4035 Datasheet HTML 31Page - STMicroelectronics AN4035 Datasheet HTML 32Page - STMicroelectronics AN4035 Datasheet HTML 33Page - STMicroelectronics AN4035 Datasheet HTML 34Page - STMicroelectronics AN4035 Datasheet HTML 35Page - STMicroelectronics AN4035 Datasheet HTML 36Page - STMicroelectronics AN4035 Datasheet HTML 37Page - STMicroelectronics AN4035 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
Nexus Read/Write access block
AN4035
34/41
Doc ID 022669 Rev 2
4.5
Burst block memory read access
The steps to perform a burst block memory read access via the Nexus R/W access block
are:
1.
Initialize RWA with the first address to be read using Nexus register index 0x9. The
address needs to be aligned on an 8-byte boundary. RWA[2:0] are ignored on a burst
read.
2.
Initialize RWCS using Nexus register index 0x7.
- Access Control (AC) = 0b1 (to indicate start access)
- Map Select (MAP) = 0b000 (primary memory map)
- Access Priority (PR) = 0b00 (lowest priority)
- Read/Write (RW) = 0b0 (read access)
- Word Size (SZ) = 0b011 (64-bit)
- Access Count (CNT) = 0b00_0000_0000_0100 (four double-words)-
- Burst Control (BST) = 0b1 (burst enabled)
3.
The Nexus block then arbitrates for the system bus and transfer the burst data from
memory to the burst data buffer starting at the address in RWA. When the access has
completed without error then RWCS[ERR] = 0 and RWCS[DV] = 1. See Table 8 for
details. This indicates that the device is ready for the next access. Nexus also asserts
the RDY pin when the transaction has completed without error. The external tool can
use this as an alternative to polling the RWCS status bits.
4.
Read all 32 bytes of data from RWD using Nexus register index 0xA, 32-bits at a time,
starting with the first 32-bit word read from the address in RWA. The endianess of the
32-bit data read from RWD is little endian.
- Value of 0xDEADBEEF read from memory: RWD = 0xEFBEADDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com