Electronic Components Datasheet Search
  English  ▼

X  

AN4304 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4304
Description  How to filter the input of a high-side current sensing
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4304 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4304 Datasheet HTML 8Page - STMicroelectronics AN4304 Datasheet HTML 9Page - STMicroelectronics AN4304 Datasheet HTML 10Page - STMicroelectronics AN4304 Datasheet HTML 11Page - STMicroelectronics AN4304 Datasheet HTML 12Page - STMicroelectronics AN4304 Datasheet HTML 13Page - STMicroelectronics AN4304 Datasheet HTML 14Page - STMicroelectronics AN4304 Datasheet HTML 15Page - STMicroelectronics AN4304 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Estimating differential error
AN4304
12/20
DocID024731 Rev 1
5
Estimating differential error
To estimate differential error (Vdiff), the example below considers that the input signal is a
triangular one.
Vin = triangular AC at 100 kHz, 5 Vpp
Rs = 10 Ω
Ccm = 2.2 µF with a tolerance of 20 %
Ccm1 = 2.2 µF +20 % = 2.64 µF
Ccm2 = 2.2 µF -20 % = 1.76 µF
Note that the fundamental amplitude of a triangular signal is lower than the actual signal by
a factor of
8/π
2. Bearing this in mind, the estimated differential error can be calculated as
follows:
So, Vdiff = 122 mVpp.
Due to a tolerance of 20 % on the filtering capacitance, a theoretical ripple of 122 mVpp
appears on the differential input of the current sensing. Going back to the time domain,
Figure 13: "Differential voltage with Ccm1 and Ccm2 matched at 20 %" shows the impact
on the ripple due to the mismatching of the capacitances.
Figure 13: Differential voltage with Ccm1 and Ccm2 matched at 20 %
0
0
100
200
200
300
400
400
500
0.00
0.00
0.05
0.10
0.10
0.15
0.20
0.20
0.25
Time (µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com