Electronic Components Datasheet Search
  English  ▼

X  

AN4304 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4304
Description  How to filter the input of a high-side current sensing
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4304 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4304 Datasheet HTML 12Page - STMicroelectronics AN4304 Datasheet HTML 13Page - STMicroelectronics AN4304 Datasheet HTML 14Page - STMicroelectronics AN4304 Datasheet HTML 15Page - STMicroelectronics AN4304 Datasheet HTML 16Page - STMicroelectronics AN4304 Datasheet HTML 17Page - STMicroelectronics AN4304 Datasheet HTML 18Page - STMicroelectronics AN4304 Datasheet HTML 19Page - STMicroelectronics AN4304 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Influence of external serial resistances on
accuracy
AN4304
16/20
DocID024731 Rev 1
6
Influence of external serial resistances on accuracy
The TSC current sensing family has some trimmed input resistance. Any external
resistance, added in series, produces mismatches leading to both gain and CMR errors.
Such errors are typically calculated as follows (where Rin is the specified amplifier input
resistance):
The i
nternal resistance of the TSC103 is 5 kΩ. Assuming that an external resistor of 100 Ω,
with a tolerance of 1 %, is used for filtering, the common mode rejection ratio due to these
external components is 68 dB. There will be a direct impact on the whole CMR as the
TSC103 has a minimum CMR of 90 dB.
The fact that Rs is quite big adds to the gain error of 2 %. This really impacts the
performance of the device whose typical accuracy provides a maximum total error of 3 %.
Therefore, care must be used when introducing input filters.
The only way to control this additional gain error is to ensure that the input series resistor,
Rs, is small compared to Rin. Using a filter resistor that is less than 10 Ω is strongly
recommended. This will ensure that the high original accuracy of the TSC103 is
maintained.
Other parameters such as process variation or the temperature coefficient of the
resistances must also be taken into consideration as possible error factors of current
measurement. The calculation of total error due to external resistances is detailed in the
application note AN4369 (Adjustable gain with a current sensing).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com