Electronic Components Datasheet Search
  English  ▼

X  

AN4348 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4348
Description  Signal conditioning for electrochemical sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4348 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4348 Datasheet HTML 10Page - STMicroelectronics AN4348 Datasheet HTML 11Page - STMicroelectronics AN4348 Datasheet HTML 12Page - STMicroelectronics AN4348 Datasheet HTML 13Page - STMicroelectronics AN4348 Datasheet HTML 14Page - STMicroelectronics AN4348 Datasheet HTML 15Page - STMicroelectronics AN4348 Datasheet HTML 16Page - STMicroelectronics AN4348 Datasheet HTML 17Page - STMicroelectronics AN4348 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Other op-amp parameters to consider
AN4348
14/25
DocID025166 Rev 1
It is recommended not to use the op-amp at an input common mode voltage which is close
to the input differential pair transition. This point is about Vcc-0.7 V for the TSU10x and
Vcc-0.9 V for the TSV71x and TSV73x. For the TSZ12x, it is about Vcc-0.7 V, but its Vio is
so low that the transition has almost no impact.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25