Electronic Components Datasheet Search
  English  ▼

X  

AN4348 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4348
Description  Signal conditioning for electrochemical sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4348 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4348 Datasheet HTML 15Page - STMicroelectronics AN4348 Datasheet HTML 16Page - STMicroelectronics AN4348 Datasheet HTML 17Page - STMicroelectronics AN4348 Datasheet HTML 18Page - STMicroelectronics AN4348 Datasheet HTML 19Page - STMicroelectronics AN4348 Datasheet HTML 20Page - STMicroelectronics AN4348 Datasheet HTML 21Page - STMicroelectronics AN4348 Datasheet HTML 22Page - STMicroelectronics AN4348 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
AN4348
Cross-sensitivity, environmental variation, and
long-term output drift
DocID025166 Rev 1
19/25
12
Cross-sensitivity, environmental variation, and long-
term output drift
Even if they are a good choice for many applications, electrochemical sensors are not
perfect. For example, they are generally sensitive to gases other than the targeted one. So,
depending on the environment targeted, cross-sensitivity values should be considered
even if the sensor is fitted with a filter.
Electrochemical sensors are also sensitive to temperature. For the same gas
concentration, the output reading is different if the temperature is different. This
dependency is illustrated in the sensor datasheet. With the help of a temperature sensor,
compensation is generally achievable at the micro-controller level.
Finally, pressure and humidity can cause the sensor to generate current spikes.
STMicroelectronics proposes miniature MEMS sensors to help improve the accuracy of an
application by compensating for these environmental parameter changes.
Drift in time of the sensor (sensitivity decreasing) should also be considered to maintain the
accuracy of the application. Consequently, regular calibrations are requested in the user
manuals of gas detectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25