Electronic Components Datasheet Search
  English  ▼

X  

AN4587 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4587
Description  Input bias current of a chopper amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4587 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4587 Datasheet HTML 4Page - STMicroelectronics AN4587 Datasheet HTML 5Page - STMicroelectronics AN4587 Datasheet HTML 6Page - STMicroelectronics AN4587 Datasheet HTML 7Page - STMicroelectronics AN4587 Datasheet HTML 8Page - STMicroelectronics AN4587 Datasheet HTML 9Page - STMicroelectronics AN4587 Datasheet HTML 10Page - STMicroelectronics AN4587 Datasheet HTML 11Page - STMicroelectronics AN4587 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Inpact of input current spikes on real applications
AN4587
8/14
DocID026923 Rev 1
2
Inpact of input current spikes on real applications
The input bias current spikes generated by the chopper architecture, occur at an equivalent
high frequency (several GHz) because of their sharp edges. The TSZ121 presents a
GBP = 400 kHz. Consequently, these input current spikes are not seen on the output of the
TSZ121 when used in closed loop configuration because the device filters them.
Nevertheless, the input current spikes might affect what is placed before the TSZ121.
2.1
High impedance input
Generally, special care must be taken with the input current of an op amp when we use a
high impedance sensor to limit the error on the input.
In this case, input current spikes might potentially disturb the sensor.
In figures 12 through 16 below, several simulations have been made to emulate a sensor by
changing the Rin_load seen by the input of the TSZ121.
Figure 12. Iib spike vs input impedance
Figure 13. Rin_load = 1 kΩ
Figure 14. Rin_load = 10 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com