Electronic Components Datasheet Search
  English  ▼

X  

AN4587 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4587
Description  Input bias current of a chopper amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4587 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4587 Datasheet HTML 6Page - STMicroelectronics AN4587 Datasheet HTML 7Page - STMicroelectronics AN4587 Datasheet HTML 8Page - STMicroelectronics AN4587 Datasheet HTML 9Page - STMicroelectronics AN4587 Datasheet HTML 10Page - STMicroelectronics AN4587 Datasheet HTML 11Page - STMicroelectronics AN4587 Datasheet HTML 12Page - STMicroelectronics AN4587 Datasheet HTML 13Page - STMicroelectronics AN4587 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Inpact of input current spikes on real applications
AN4587
10/14
DocID026923 Rev 1
Figure 17. Common mode capacitor, Cg
At high frequency (current spikes) the common mode capacitor, Cg, shows lower
impedance than that of the sensor. In this case, Cg draws the main part of the current as a
consequence of filtering the input current spikes.
Figure 18 and 19 are snapshot probes measured on the TSZ121. They show that the Iib
spikes have been filtered by adding a common mode capacitor of 10 pF.
Adding a common mode capacitor, helps significantly to filter the Iib spikes generated by the
chopper input stage. Obviously, the higher the capacitor, the better the filtering. But we
cannot increase the capacitance value too much without risking system instability.
Below, we calculate the maximum value of the Cg capacitor to ensure good stability.
The loop gain is given by Equation 5.
Equation 5
Where A is the open loop transfer function of the op amp.
One pole appears as shown in Equation 6.
Figure 18. TSZ121 input bias current spike,
Vcc = 5.5 V
Figure 19. TSZ121 Iib filtered by a common
mode capacitor, Cg = 10 pF, Vcc = 5.5 V
-A
Rg
Rg Rf
+
--------------------
1
1jw
Rg
Rf
⋅
Rg Rf
+
---------------------
Cg
⋅
⎝⎠
⎛⎞
+
----------------------------------------------------------
×
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com