Electronic Components Datasheet Search
  English  ▼

X  

IRG4PSC71UD Datasheet(PDF) 2 Page - International Rectifier

Part # IRG4PSC71UD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.67V, @Vge=15V, Ic=60A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PSC71UD Datasheet(HTML) 2 Page - International Rectifier

  IRG4PSC71UD Datasheet HTML 1Page - International Rectifier IRG4PSC71UD Datasheet HTML 2Page - International Rectifier IRG4PSC71UD Datasheet HTML 3Page - International Rectifier IRG4PSC71UD Datasheet HTML 4Page - International Rectifier IRG4PSC71UD Datasheet HTML 5Page - International Rectifier IRG4PSC71UD Datasheet HTML 6Page - International Rectifier IRG4PSC71UD Datasheet HTML 7Page - International Rectifier IRG4PSC71UD Datasheet HTML 8Page - International Rectifier IRG4PSC71UD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRG4PSC71UD
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
–––
340
520
IC = 60A
Qge
Gate - Emitter Charge (turn-on)
–––
44
66
nC
VCC = 400V
See Fig. 8
Qgc
Gate - Collector Charge (turn-on)
–––
160
240
VGE = 15V
td(on)
Turn-On Delay Time
–––
90
–––
TJ = 25°C
tr
Rise Time
–––
94
–––
ns
IC = 60A, VCC = 480V
td(off)
Turn-Off Delay Time
–––
245
368
VGE = 15V, RG = 5.0Ω
tf
Fall Time
–––
110
167
Energy losses include "tail" and
Eon
Turn-On Switching Loss
–––
3.26
–––
diode reverse recovery.
Eoff
Turn-Off Switching Loss
–––
2.27
–––
mJ
See Fig. 9, 10, 11, 18
Ets
Total Switching Loss
–––
5.53
7.2
td(on)
Turn-On Delay Time
–––
91
–––
TJ = 150°C,
See Fig. 9, 10, 11, 18
tr
Rise Time
–––
88
–––
ns
IC = 60A, VCC = 480V
td(off)
Turn-Off Delay Time
–––
353
–––
VGE = 15V, RG = 5.0Ω
tf
Fall Time
–––
150
–––
Energy losses include "tail" and
Ets
Total Switching Loss
–––
7.1
–––
mJ
diode reverse recovery.
LE
Internal Emitter Inductance
–––
13
–––
nH
Measured 5mm from package
Cies
Input Capacitance
––– 7500 –––
VGE = 0V
Coes
Output Capacitance
–––
720
–––
pF
VCC = 30V
See Fig. 7
Cres
Reverse Transfer Capacitance
–––
93
–––
ƒ = 1.0MHz
trr
Diode Reverse Recovery Time
–––
82
120
TJ = 25°C
See Fig.
–––
140
210
TJ = 125°C
14
IF = 60A
Irr
Diode Peak Reverse Recovery Current
–––
8.2
12
TJ = 25°C
See Fig.
–––
13
20
TJ = 125°C
15
VR = 200V
Qrr
Diode Reverse Recovery Charge
–––
364
546
TJ = 25°C
See Fig.
––– 1084 1625
TJ = 125°C
16
di/dt = 200A/µs
di(rec)M/dt
Diode Peak Rate of Fall of Recovery
–––
328
–––
TJ = 25°C
See Fig.
During tb
–––
266
–––
TJ = 125°C
17
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
ƒ
600
–––
–––
V
VGE = 0V, IC = 250µA
∆V(BR)CES/∆TJ Temperature Coeff. of Breakdown Voltage ––– 0.39 ––– V/°C
VGE = 0V, IC = 10mA
VCE(on)
Collector-to-Emitter Saturation Voltage
–––
1.67
2.0
IC = 60A
VGE = 15V
–––
1.95
–––
IC = 100A
See Fig. 2, 5
–––
1.71
–––
IC = 60A, TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
–––
6.0
VCE = VGE, IC = 250µA
∆VGE(th)/∆TJ Temperature Coeff. of Threshold Voltage ––– -13 ––– mV/°C VCE = VGE, IC = 1.5mA
gfe
Forward Transconductance
„
47
70
–––
S
VCE = 50V, IC = 60A
ICES
Zero Gate Voltage Collector Current
–––
–––
500
µA
VGE = 0V, VCE = 600V
–––
–––
13
mA
VGE = 0V, VCE = 600V, TJ = 150°C
VFM
Diode Forward Voltage Drop
–––
1.4
1.7
IC = 60A
See Fig. 13
–––
1.3
–––
IC = 60A, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
–––
––– ±100
nA
VGE = ±20V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
V
V
ns
A
nC
A/µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com