Electronic Components Datasheet Search
  English  ▼

X  

IRG4PSC71UD Datasheet(PDF) 4 Page - International Rectifier

Part # IRG4PSC71UD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.67V, @Vge=15V, Ic=60A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PSC71UD Datasheet(HTML) 4 Page - International Rectifier

  IRG4PSC71UD Datasheet HTML 1Page - International Rectifier IRG4PSC71UD Datasheet HTML 2Page - International Rectifier IRG4PSC71UD Datasheet HTML 3Page - International Rectifier IRG4PSC71UD Datasheet HTML 4Page - International Rectifier IRG4PSC71UD Datasheet HTML 5Page - International Rectifier IRG4PSC71UD Datasheet HTML 6Page - International Rectifier IRG4PSC71UD Datasheet HTML 7Page - International Rectifier IRG4PSC71UD Datasheet HTML 8Page - International Rectifier IRG4PSC71UD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRG4PSC71UD
4
www.irf.com
Fig. 6 - Maximum IGBT Effective Transient Thermal Impedance, Junction-to-Case
Fig. 5 - Typical Collector-to-Emitter Voltage
vs. Junction Temperature
Fig. 4 - Maximum Collector Current vs.
Case
Temperature
-60 -40 -20
0
20
40
60
80 100 120 140 160
1.0
2.0
3.0
T , Junction Temperature ( C)
J
°
V
= 15V
80 us PULSE WIDTH
GE
I =
A
120
C
I =
A
60
C
I =
A
30
C
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
1 0
1 0 0
1
t , R e cta n g ular Pu ls e D u ra tion (se c)
A
D = 0.50
0.20
0.10
0.05
0.02
0.0 1
S IN G L E P U L S E
(T H E R M AL R ESPON SE)
P
t2
1
t
DM
Notes:
1. Duty factor D = t
/ t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
0
20
40
60
80
100
25
50
75
100
125
150
T
, C a s e T e m p e ra tu re (°C )
C
A
V
= 1 5 V
L IMIT E D BY PAC KAGE
GE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com