Electronic Components Datasheet Search
  English  ▼

X  

IRG4RC10 Datasheet(PDF) 7 Page - International Rectifier

Part # IRG4RC10
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.10V, @Vge=15V, IC=2.0A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4RC10 Datasheet(HTML) 7 Page - International Rectifier

  IRG4RC10 Datasheet HTML 1Page - International Rectifier IRG4RC10 Datasheet HTML 2Page - International Rectifier IRG4RC10 Datasheet HTML 3Page - International Rectifier IRG4RC10 Datasheet HTML 4Page - International Rectifier IRG4RC10 Datasheet HTML 5Page - International Rectifier IRG4RC10 Datasheet HTML 6Page - International Rectifier IRG4RC10 Datasheet HTML 7Page - International Rectifier IRG4RC10 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRG4RC10S
www.irf.com
7
t=5µ s
d (on)
t
t f
t r
90 %
td(off)
10 %
90 %
10%
5%
VC
IC
E on
E off
ts
o n
o ff
E
= (E
+E
)

‚
ƒ
Fig. 14b - Switching Loss
Waveforms
Package Outline
TO-252AA Outline
Dimensions are shown in millimeters (inches)
6.73 (.2 65)
6.35 (.2 50)
- A -
4
1
2
3
6.2 2 (.245 )
5.9 7 (.235 )
- B -
3X
0.8 9 (.035 )
0.6 4 (.025 )
0 .25 (.01 0)
M A M B
4.57 (.180)
2 .28 (.09 0)
2X
1.14 (.04 5)
0.76 (.03 0)
1.52 (.060)
1.15 (.045)
1.02 (.0 40)
1.64 (.0 25)
5.46 (.2 15 )
5.21 (.2 05 )
1.2 7 (.050 )
0.8 8 (.035 )
2.38 (.09 4)
2.19 (.08 6)
1.14 (.0 45)
0.89 (.0 35)
0.5 8 (.02 3)
0.4 6 (.01 8)
6.45 (.2 45 )
5.68 (.2 24 )
0.51 (.0 20 )
M IN.
0 .58 (.0 23)
0 .46 (.0 18)
LE AD ASSIG N M E NT S
1 - G AT E
2 - D RA IN
3 - SO URCE
4 - D RA IN
10.42 (.410)
9.40 (.37 0)
NO TE S:
1 DIM ENS IO NING & T O LE RANCING PE R A N SI Y 14 .5M , 1 982 .
2 CO NT RO LLING DIM ENS IO N : INCH.
3 C O N F O R M S T O JED E C O U T LIN E TO -25 2A A.
4 DIM ENS IO NS S H O W N AR E B EF O RE SO L D ER DIP,
SO L D ER D IP M AX. +0 .16 (.00 6).
LEAD ASSIGNMENTS
1 - GATE
2 - COLLECTOR
3 - EMITTER
4 - COLLECTOR



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com