Electronic Components Datasheet Search
  English  ▼

X  

AN2378 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2378
Description  Software filter algorithm for open-load
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2378 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2378 Datasheet HTML 5Page - STMicroelectronics AN2378 Datasheet HTML 6Page - STMicroelectronics AN2378 Datasheet HTML 7Page - STMicroelectronics AN2378 Datasheet HTML 8Page - STMicroelectronics AN2378 Datasheet HTML 9Page - STMicroelectronics AN2378 Datasheet HTML 10Page - STMicroelectronics AN2378 Datasheet HTML 11Page - STMicroelectronics AN2378 Datasheet HTML 12Page - STMicroelectronics AN2378 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AN2378
L9935 open-load production test
Doc ID 12435 Rev 3
9/13
3
L9935 open-load production test
For testing the open-load functionality, STMicroelectronics™ uses a special go/no-go test
with the parameters defined in Table 1. Devices that pass this test do not generate an open-
load error if the load current—16 µs after going in flyback—remains higher than 90 mA.
Equation 3
An open-load is detected if the magnitude of the flyback voltage, 16 µs after going in flyback,
is less than 60 mV:
Equation 4
Table 1.
Production test conditions (Rshunt includes max 0.2 ohm contact
resistance)
Parameters
ST screening test
Unit
VBatt
14
V
Rshunt
1.2
ohm
RDS,ON
0.4
ohm
RLoad
82
ohm
LLoad
5mH
I(t=0µs)
0.17
A
I(t=16µs)
0.089
A
VOUT(16µs)
0.143(1)
1.
Open-load case: the current is not regulated, that is, I = VBatt/R < IREG and ignoring back-EMF gives the
voltage over the comparator as expressed in Equation 3.
V
V
mes t

V
Batt *
R
DS ON
R
shunt
+
R
-------------------------------------------- *
1
2 *
t
R
L
M
-------
–


exp
–


=
V
mes t16s
=
 60mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com