Electronic Components Datasheet Search
  English  ▼

X  

AN2378 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2378
Description  Software filter algorithm for open-load
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2378 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2378 Datasheet HTML 1Page - STMicroelectronics AN2378 Datasheet HTML 2Page - STMicroelectronics AN2378 Datasheet HTML 3Page - STMicroelectronics AN2378 Datasheet HTML 4Page - STMicroelectronics AN2378 Datasheet HTML 5Page - STMicroelectronics AN2378 Datasheet HTML 6Page - STMicroelectronics AN2378 Datasheet HTML 7Page - STMicroelectronics AN2378 Datasheet HTML 8Page - STMicroelectronics AN2378 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AN2378
When does L9935 open-load checking occur?
Doc ID 12435 Rev 3
5/13
1
When does L9935 open-load checking occur?
The flyback pulse indicates the availability of an inductive load. The flyback pulse is checked
after reversing the polarity of the motor current (full step mode), namely 61% Ishunt
(a) or
100% Ishunt, or after changing the current from 61% Ishunt to 0% Ishunt (half step mode)
(please refer to L9935 datasheet; see A.1: Reference documents).
1.1
Full step mode
Figure 2.
Output current of L9935 in full step mode
●
1full: 61% Ishunt or 100% Ishunt, regulated with chopping at low-side and slow decay
mode; flyback using the high-side path.
●
2full: reversing the polarity of the motor coil A, using fast decay (as shown in Figure 4).
During this polarity reversal, the flyback pulse is used for the open-load detection.
The process described above is also valid for motor coil B.
a.
The symbol “Ishunt” in this application note is equivalent to the symbol “IRX” in the device datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com