| Electronic Components Datasheet Search |
|
AN2388 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2388 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 54 page ![]() October 2006 Rev 1 1/54 AN2388 Application note Sensor field oriented control (IFOC) of three-phase AC induction motors using ST10F276 Introduction AC Induction motors are the most widely used motors in industrial motion control systems, as well as in home appliances thanks to their reliability, robustness and simplicity of control. Until a few years ago the AC motor could either be plugged directly into the mains supply or controlled by means of the well-known scalar V/f method. When power is supplied to an induction motor at the recommended specifications, it runs at its rated speed. With this method, even simple speed variation is impossible and its system integration is highly dependent on the motor design (starting torque vs maximum torque, torque vs inertia, number of pole pairs). However many applications need variable speed operation. The scalar V/f method is able to provide speed variation but does not handle transient condition control and is valid only during a steady state. This method is most suitable for applications without position control requirements or the need for high accuracy of speed control and leads to over-currents and over-heating, which necessitate a drive which is then oversized and no longer cost effective. Examples of these applications include heating, air conditioning, fans and blowers. During the last few years the field of electrical drives has increased rapidly due mainly to the advantages of semiconductors in both power and signal electronics and culminating in powerful microcontrollers and DSPs. These technological improvements have allowed the development of very effective AC drive control with lower power dissipation hardware and increasingly accurate control structures. The electrical drive controls become more accurate with the use of three-phase currents and voltage sensing. This application note describes the most efficient scheme of vector control: the Indirect Field Oriented Control (IFOC). Thanks to this control structure, the AC machine, with a speed/position sensor coupled to the shaft, acquires every advantage of a DC machine control structure, by achieving a very accurate steady state and transient control, but with higher dynamic performance. In this document we will look at the complete software integration and also the theoretical and practical aspects of the application. www.st.com |
Similar Part No. - AN2388 |
|
Similar Description - AN2388 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |