Electronic Components Datasheet Search
  English  ▼

X  

AN2542 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2542
Description  This board is designed for the evaluation of the BT-STA2416C2 receiver module in an A2DP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2542 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2542 Datasheet HTML 3Page - STMicroelectronics AN2542 Datasheet HTML 4Page - STMicroelectronics AN2542 Datasheet HTML 5Page - STMicroelectronics AN2542 Datasheet HTML 6Page - STMicroelectronics AN2542 Datasheet HTML 7Page - STMicroelectronics AN2542 Datasheet HTML 8Page - STMicroelectronics AN2542 Datasheet HTML 9Page - STMicroelectronics AN2542 Datasheet HTML 10Page - STMicroelectronics AN2542 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AN2542
BOM
7/16
3
BOM
Table 1 gives the bill of materials for the receiver board.
Table 1.
Bill of materials
Item
Qty
Reference
Part
Footprint
Notes
1
1
C1
10 µF, 16 V
CE45
Aluminium capacitor
4.5 mm
2
14
C2,C3,C4,C5,C8,C10,
C18,C19,C20,C24,
C26,C29,C31,C32
100 nF
0603
3
1
C6
82 pF
0603
4
2
C7,C9
22 pF
0603
5
1
C11
220 pF
0603
6
4
C12,C15,C17,C22
10 nF
0603
7
1
C13
10 µF, 16 V
CE66
Aluminium capacitor
6.6 mm
8
5
C14,C16,C21,C28,
C30
33 µF, 10 V
CE66
Aluminium capacitor
6.6 mm
9
2
C23,C25
1 µF
0805
10
1
C27
220 µF, 16 V
CE83
Aluminium capacitor
8.3 mm
11
1
C33
0.1 µF
0603
12
1
C34
100 µF, 16 V
CE66
Aluminium capacitor
6.6 mm
13
2
C35,C44
2.2 nF
0603
14
6
C36,C37,C38,C41,
C45,C46
150 pF
0603
15
2
C39, C42
47 µF, 16 V
CE66
Aluminium capacitor
6.6 mm
16
2
C40,C43
100 pF
0603
17
1
D1
BLUE
0805
18
1
D2
1SS335
SOD323
19
1
IC1
BT-STA2416C2
See module specs
Provided by ST
20
1
IC2
STA529QFN
VFQFPN52
Provided by ST
21
1
IC3
LD2985AM18
SOT23-5
Provided by ST
22
1
IC4
TS462
TSSOP8
Provided by ST
23
1
J1
CON5
CN5_RA
5-pin male connector
2-mm step,
right angle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com