Electronic Components Datasheet Search
  English  ▼

X  

AN2542 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2542
Description  This board is designed for the evaluation of the BT-STA2416C2 receiver module in an A2DP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2542 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2542 Datasheet HTML 1Page - STMicroelectronics AN2542 Datasheet HTML 2Page - STMicroelectronics AN2542 Datasheet HTML 3Page - STMicroelectronics AN2542 Datasheet HTML 4Page - STMicroelectronics AN2542 Datasheet HTML 5Page - STMicroelectronics AN2542 Datasheet HTML 6Page - STMicroelectronics AN2542 Datasheet HTML 7Page - STMicroelectronics AN2542 Datasheet HTML 8Page - STMicroelectronics AN2542 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Circuit description
AN2542
2/16
1
Circuit description
1.1
Block diagram
Figure 2 shows the block diagram of the BT-HTS-RX board. The Bluetooth® technology
stream received by the RF antenna is sent to the BT-STA2416C2, a highly integrated
module able to communicate wirelessly with BTA2DP sources such as cellular phones,
BT Dongles and Notebook PCs.
Whilst streaming audio the receiver manages the BT data in the BT-STA2416C2 module,
transferring them to the STA529, an IC comprising a digital stereo class-D audio amplifier, a
DSP and a CMOS power output stage based on the FFX technology. The STA529 is
dedicated to the decoding and the generation of the PWM analog output.
A low-pass filter stage cuts the high frequencies of the PWM signal before amplification to a
standard line-out signal of 1 Vpp.
Figure 2.
Circuit block diagram
1.2
Schematic
Figure 3, Figure 4 and Figure 5 make up the overall schematic. You can zoom in to see the
detail or you can download the original OrCAD® and PDF files from
http://www.st.com/stonline/products/applications/blocks/consumer/conb005.shtml.
BT-STA2416C2
Receiver module
STA529
Codec
Low-pass
filter
TS462
Dual op-amp
XTAL
13 MHz
Stream
connection
indicator
3.3 V
Stereo
line out
1 Vpp
BTA2DP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com