Electronic Components Datasheet Search
  English  ▼

X  

AN2618 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2618
Description  eTPU host interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2618 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2618 Datasheet HTML 3Page - STMicroelectronics AN2618 Datasheet HTML 4Page - STMicroelectronics AN2618 Datasheet HTML 5Page - STMicroelectronics AN2618 Datasheet HTML 6Page - STMicroelectronics AN2618 Datasheet HTML 7Page - STMicroelectronics AN2618 Datasheet HTML 8Page - STMicroelectronics AN2618 Datasheet HTML 9Page - STMicroelectronics AN2618 Datasheet HTML 10Page - STMicroelectronics AN2618 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
AN2618
Host interface software
7/23
3.3
eTPU channel initialization
After the eTPU module is configured, each channel on the eTPU module can be configured.
eTPU channel initialization includes the following tasks:
1.
eTPU channel configuration registers initialization
–
Assign eTPU function to a channel
–
Setup channel priority
–
Configure interrupt/DMA/Output enable
–
Select eTPU function entry table encoding
–
Assign the function frame to a channel
2.
eTPU channel status control register initialization
–
Set up eTPU function mode
The eTPU channel assignment and the channel priority determination are a part of the host
software architecture design. They are independent of the eTPU functions implementation.
The information for the configuration is provided by the host software design.
During the channel initialization, a section of eTPU data memory is assigned to each
channel. This memory section is called the “function frame”. The function frame contains all
the function parameters and static local variables used by the eTPU function. The starting
address of the function frame is assigned to the channel at initialization. The function frame
assignment can be static or dynamic. Dynamic allocation assigns the function frame to the
channel based on the next available memory space. The availability of the eTPU data
memory depends on the number of functions that have been assigned and the number of
parameters the function is using. Dynamic allocation can reduce the eTPU data memory
consumption by minimizing unused memory ‘holes’. To allocate the function frame
dynamically, the host must know the function frame consumption by a particular eTPU
function. The eTPU_C compiler provides a macro (::ETPUram) to report the number of
parameters and static local variables used by a function at compile time (Appendix C on
page 13).
The eTPU function table entry encoding, interrupt enable, DMA enable, output enable,
output polarity, and function mode are constants specific to the eTPU function software
implementation. It is a good practice to define them only once in the eTPU code and export
the configuration information at compile time.
Once the host interface macros are added to the eTPU code (Appendix C on page 13), the
#pragma write
statements will generate a header file that contains all the eTPU function
configuration and software symbol information at compile time (Appendix E on page 17).
The header file can be included in the host interface code to resolve symbol references.
3.4
eTPU function initialization
The eTPU function initialization is the last step of the eTPU initialization process. During the
eTPU function initialization, the host is responsible for passing the parameters to the eTPU
functions and initiating the eTPU function execution by issuing a host service request. Once
the host service request for initialization is recognized, the eTPU will transition to the
initialization state.
Unlike in the host CPU, the eTPU function parameters passed from host are not placed on
the stack. Instead, memory in the function frame is allocated to accommodate every function
parameter. The host passes the eTPU function parameters by writing directly to the eTPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com