Electronic Components Datasheet Search
  English  ▼

X  

AN2618 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2618
Description  eTPU host interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2618 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2618 Datasheet HTML 1Page - STMicroelectronics AN2618 Datasheet HTML 2Page - STMicroelectronics AN2618 Datasheet HTML 3Page - STMicroelectronics AN2618 Datasheet HTML 4Page - STMicroelectronics AN2618 Datasheet HTML 5Page - STMicroelectronics AN2618 Datasheet HTML 6Page - STMicroelectronics AN2618 Datasheet HTML 7Page - STMicroelectronics AN2618 Datasheet HTML 8Page - STMicroelectronics AN2618 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
AN2618
Overview
3/23
1
Overview
Host interface software adds another layer of abstraction between the host CPU and eTPU.
The host interface API functions hide the complexity of the interaction between the host
CPU and eTPU, providing a simple interface for host applications. Ideally, every eTPU
function shall have one or more host interface API functions.
The interface software between host and eTPU facilitates three major tasks:
1.
eTPU hardware initialization – configure eTPU peripheral hardware
2.
eTPU function initialization – pass initial parameters and initiate function execution
3.
eTPU function run time interactive control – update function parameters and handle
handshaking
Once the eTPU peripheral and eTPU functions are initialized, each eTPU function can start
to execute with initial function parameters. The host interface API functions need to be
provided for interactive control (i.e. parameters updating and control mode changing etc.).
To update the parameter or change control mode, the host is responsible for passing
updated parameters to the eTPU functions, and then informing the eTPU that the function
parameters have changed. If a coherent change of function parameters is required, the logic
has to be built in the eTPU functions to ensure the coherency. For some eTPU functions, the
interaction between host and eTPU is an essential part of the operation. In both host and
eTPU software, the logic is needed to handle the handshaking between host and eTPU. The
interaction between the eTPU and host can be encapsulated in the host interface API
functions.
The host code and eTPU code are compiled by different compilers. The host compiler is
normally used to build a single code image for both host and eTPU. In order to build eTPU
code and host code together, the eTPU software building information (i.e. eTPU code
image) has to be exported to the host compiler. The symbol information has to be exported
from the eTPU compiler to the host compiler as well. For the Byte Craft eTPU compiler, the
mechanism is implemented as a set of host interface macros. In the eTPU code, these
macros are inserted to generate proper executable and symbol information for the host
compiler.
The host interface design process is illustrated in the eTPU PWM driver examples in the
Appendices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com