Electronic Components Datasheet Search
  English  ▼

X  

AN2622 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2622
Description  TS4909 low power stereo headphone amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2622 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2622 Datasheet HTML 1Page - STMicroelectronics AN2622 Datasheet HTML 2Page - STMicroelectronics AN2622 Datasheet HTML 3Page - STMicroelectronics AN2622 Datasheet HTML 4Page - STMicroelectronics AN2622 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Description of the evaluation board
AN2622
2/5
1
Description of the evaluation board
The DEMOTS4909 evaluation board is designed for the TS4909 low power stereo
headphone amplifier with capacitor-less output.
The gain (AV) is set at 1 V/V for both channels and can be adapted if necessary with a
modification of R1 or R2 values for the Left channel, and R3 or R4 values for the Right
channel
.
C1 with R1 (and C3 with R3) create an input high-pass filter with a cut-off frequency of
24.1Hz. C8 with a 16
Ω load (and C9 with a 32Ω load) create an output high-pass filter with a
cut-off frequency of 45.2Hz (22.6Hz). For information on how to change the value of the cut-
off frequency, refer to the datasheet.
The C2 and C4 component locations are empty in order to add a low-pass filter if required.
Table 1.
Gain per channel
Channel
Gain (V/V)
Left
Right
Table 2.
Evaluation board connectors
Connector
Description
P1
Connector for setting PHG or SE configuration of the TS4909:
–
the pins 1 and 2 are shorted, output stage is in SE mode
–
the pins 2 and 3 are shorted, output stage is in PHG mode
The connector pins are connected:
– 1 to VCC
– 2 to SE/PHG control
– 3 to GND
P2
Power connector (VCC and GND). Power supply voltage from 2.2V to 5.5V.
P3
Output signal connector. The connector pins are:
– 1&2: SE output 1 (GND and active signal)
– 3&4: PHG output 1 (PHG reference voltage output and active signal)
– 5&6: PHG output 2(active signal and PHG reference voltage output)
– 7&8: SE output 2 (active signal and GND)
P4
Standby control connector:
–
the pins 1 and 2 are shorted, the TS4909 is in operation mode
–
the pins 2 and 3 are shorted, the TS4909 is in standby mode
The connector pins are connected:
– 1 to VCC
– 2 to standby control
– 3 to GND
P5
Input signal connector (GND and active input signal). Pins 1 and 2 for input 1 and pins
3 and 4 for input 2.
A
V
R2
R1
--------
–
=
A
V
R4
R3
--------
–
=
`
12
3
`
12
3
`
12
3
`
12
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com