Electronic Components Datasheet Search
  English  ▼

X  

AN2622 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2622
Description  TS4909 low power stereo headphone amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2622 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2622 Datasheet HTML 1Page - STMicroelectronics AN2622 Datasheet HTML 2Page - STMicroelectronics AN2622 Datasheet HTML 3Page - STMicroelectronics AN2622 Datasheet HTML 4Page - STMicroelectronics AN2622 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AN2622
Description of the evaluation board
3/5
Caution:
When you apply the power supply through P2, do not invert the polarity because it would
destroy the amplifier at U1.
Figure 1.
Schematic diagram
VCC
1uF
C6
100nF
C7
VCC
1
2
3
P1
20k
R1
20k
R3
20k
R2
20k
R4
1uF
C5
VCC
220uF
C8
220uF
C9
1
2
3
4
P5
Input
1
2
P2
Vcc
VCC
1
2
3
P4
OUT1/SE
OUT1/PHG
PHG
PHG
OUT2/PHG
OUT2/SE
1
2
3
4
5
6
7
8
P3
Output
GND
GND
C4
C2
Input1
GND
GND
Input2
330nF
C1
330nF
C3
Jumper J1
Jumper J2
SE
ON
Standby
PHG
1k
R6
1k
R5
Vin1
1
Vin2
5
Vout2
7
Vout1
9
BIAS
BPS
4
Vout3
8
STDB
2
U1
TS4909 DFN10
Cn2
Cn1
3
5
4
2
1
Cn3
SE Output
Table 3.
Component list for the evaluation board
Designation
Quantity
Description
C1, C3
2
330nF/16V, ceramic capacitors, 0805
C2, C4
0
Not connected, 0603
C7
1
100nF/16V, ceramic capacitors, 0805
C5, C6
2
1
μF/50V, electrolytic capacitor
C8, C9
2
220
μF/10V, electrolytic capacitor
P2
1
2-pin header 2.54mm pitch
P3, P4
2
3-pin header 2.54mm pitch
P3
1
8-pin header 2.54mm pitch
P5
1
4-pin header 2.54mm pitch
J1, J2
2
Jumper, 2.54mm pitch
Cn1, Cn2
2
Not connected, phono plug
Cn3
1
Not connected, stereo headphone jack 3.5
U1
1
TS4909



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com