Electronic Components Datasheet Search
  English  ▼

X  

AN2791 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2791
Description  This document describes a detailed analysis on the current regulated channels
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2791 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2791 Datasheet HTML 7Page - STMicroelectronics AN2791 Datasheet HTML 8Page - STMicroelectronics AN2791 Datasheet HTML 9Page - STMicroelectronics AN2791 Datasheet HTML 10Page - STMicroelectronics AN2791 Datasheet HTML 11Page - STMicroelectronics AN2791 Datasheet HTML 12Page - STMicroelectronics AN2791 Datasheet HTML 13Page - STMicroelectronics AN2791 Datasheet HTML 14Page - STMicroelectronics AN2791 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AN2791
Opening/closing time of the INLET valves versus duty-cycle of the hold-phase
11/18
4
Opening/closing time of the INLET(a) valves versus
duty-cycle of the hold-phase
The conventional strategy adopted to drive on-off valves used in the hydraulic modulator of
ABS/ESP control unit is described in the Figure 8. The "pull-in" phase corresponds to the
maximum values of duty-cycle applied for the first part of the valve opening/closing time.
This phase guarantees the opening/closing of the valve against stiction phenomena due, for
example, to the aging of the valve, to the dirt into the brake fluid, to the stiffness change of
the valve spring and so on.
The "hold" phase corresponds to the duty-cycle value that is necessary to maintain the valve
opened/closed. Clearly this value is less than that used for the "pull-in" phase, because the
force required to overcome the static friction is greater than the force required to overcome
the dynamic one. Obviously, this kind of duty-cycle strategy is power saving too.
Figure 8.
"Pull-in"- "hold" phase duty-cycle strategy traditionally adopted to drive
on-off valves
Several tests have been carried out fixing the coil energizing frequency at 5 Hz and the time
strategy at:
●
for the first 20 ms, duty-cycle = 0.1 %
●
for the next 30 ms, duty-cycle = 90 %
●
for the last 150 ms, duty-cycle = [5:5:90] %
The different duty-cycle configurations considered are summarized on the first column of the
Table 1. In these tests, we measured the opening and closing time of the INLET valve, and,
in addition, the time in which armature-piston of the valve starts its motion. An interesting
result comes out. While the armature-piston motion and the closing time of the INLET valve
are not affected by the duty-cycle configurations, the opening time is affected. In particular,
this increases of 0.5 ms for each 5 % of duty-cycle increase of the "hold" phase.
a.
Take into account that the INLET valves of an ABS/ESP hydraulic modulator are on-off valves normally opened and
normally controlled by a current control loop. On the hydraulic modulator there are also OUTLET valves. These valves
normally closed do not require a current control loop but conventional low-side switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com