Electronic Components Datasheet Search
  English  ▼

X  

AN2791 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2791
Description  This document describes a detailed analysis on the current regulated channels
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2791 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2791 Datasheet HTML 10Page - STMicroelectronics AN2791 Datasheet HTML 11Page - STMicroelectronics AN2791 Datasheet HTML 12Page - STMicroelectronics AN2791 Datasheet HTML 13Page - STMicroelectronics AN2791 Datasheet HTML 14Page - STMicroelectronics AN2791 Datasheet HTML 15Page - STMicroelectronics AN2791 Datasheet HTML 16Page - STMicroelectronics AN2791 Datasheet HTML 17Page - STMicroelectronics AN2791 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Virtual current control loop on the Q1, Q2 channels of Root Part Number 1
AN2791
14/18
Similar results have been observed considering another operative condition, characterized
by a different duty-cycle strategy (see Table 3). Clearly, the duty-cycle applied on the
unregulated channels in both the operative conditions under test is the same measured on
the regulated channel. See columns 2, 3 of the following tables to understand the difference
between the two duty-cycles applied on the unregulated and regulated channels of the
L9352B on the same load conditions.
As second operative condition for our tests (see Figure 9) we can refer to the following data:
●
INLET valve opening/closing frequency of 1 Hz
●
for the first 500 ms, duty-cycle = 0.1 %
●
for the last 500 ms, duty-cycle = [15:10:75] %
The Table 2 and 3 show the results of a comparison between the mean current on the loads
driven by the regulated channels of Root Part Number 1 and the unregulated ones. These
last have been trained on the output duty-cycle of the regulated channels.
Just to highlight the results obtained by this analysis, it is important to summarize the
difference in the coil current of the unregulated channels of Root Part Number 1 before and
Table 2.
Results of the first operative condition under test
Input duty
(hold phase)
Unreg. ch.
output duty
(before the
manual
regulation)
Reg. ch.
output duty
Unreg. ch.
mean current
[mA]
Unreg. ch.
pk-to-pk
current [mA]
Reg. ch.
mean current
[mA]
Reg. ch.
pk-to-pk
current [mA]
0.15
0.83
0.75
520
280
390
360
0.25
0.73
0.65
749
360
660
360
0.35
0.64
0.53
990
400
920
480
0.45
0.55
0.41
1200
480
1200
480
0.55
0.44
0.26
1480
480
1480
480
0.65
0.35
0.1
1700
480
1740
440
0.75
0.23
0.09
1780
520
1760
480
Table 3.
Results of the second operative condition under test
Input duty
(hold phase)
Unreg. ch.
output duty
(before the
manual
regulation)
Reg. ch.
output duty
Unreg. ch.
mean current
[mA]
Unreg. ch.
pk-to-pk
current [mA]
Reg. ch.
mean current
[mA]
Reg. ch.
pk-to-pk
current [mA]
0.15
0.83
0.75
530
320
390
360
0.25
0.73
0.65
780
400
660
360
0.35
0.64
0.53
980
440
920
440
0.45
0.53
0.39
1240
480
1200
480
0.55
0.44
0.25
1460
560
1480
520
0.65
0.34
0.09
1630
440
1740
480
0.75
0.25
0.09
1630
440
1820
480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com