Electronic Components Datasheet Search
  English  ▼

X  

UPD16901 Datasheet(PDF) 8 Page - NEC

Part # UPD16901
Description  FLASH MEMORY VOLTAGE STEPUP DC/DC CONVERTER IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16901 Datasheet(HTML) 8 Page - NEC

Back Button UPD16901 Datasheet HTML 4Page - NEC UPD16901 Datasheet HTML 5Page - NEC UPD16901 Datasheet HTML 6Page - NEC UPD16901 Datasheet HTML 7Page - NEC UPD16901 Datasheet HTML 8Page - NEC UPD16901 Datasheet HTML 9Page - NEC UPD16901 Datasheet HTML 10Page - NEC UPD16901 Datasheet HTML 11Page - NEC UPD16901 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
µPD16901
STANDARD CHARACTERISTIC CURVES (as per standard connection diagram)
- IO characteristic
Output current IO (mA)
IO (MAX) - VIN characteristic
Input voltage VIN (V)
VO - IO characteristic
Output current IO (mA)
VO -TA characteristic
Ambient temperature TA (°C)
12.5
12
11.5
11
–20
0
20
40
60
80
100
TA = 25 °C
100
80
60
40
20
0
0
25
50
75
125
150
100
350
300
250
150
100
0
3.5
4.0
4.5
5.0
6.0
6.5
5.5
13
12.5
12
11.5
11
0
25
50
75
100
125
150
VIN = 4.5 V
VIN = 5 V
VIN = 5.5 V
IO = 140 mA
VIN = 5V
TA = 0 °C
TA = 85 °C
VIN = 5.5 V
VIN = 4.5 V
η
VIN = 5 V
200
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com