Electronic Components Datasheet Search
  English  ▼

X  

UPD16901 Datasheet(PDF) 2 Page - NEC

Part # UPD16901
Description  FLASH MEMORY VOLTAGE STEPUP DC/DC CONVERTER IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16901 Datasheet(HTML) 2 Page - NEC

  UPD16901 Datasheet HTML 1Page - NEC UPD16901 Datasheet HTML 2Page - NEC UPD16901 Datasheet HTML 3Page - NEC UPD16901 Datasheet HTML 4Page - NEC UPD16901 Datasheet HTML 5Page - NEC UPD16901 Datasheet HTML 6Page - NEC UPD16901 Datasheet HTML 7Page - NEC UPD16901 Datasheet HTML 8Page - NEC UPD16901 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
µPD16901
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C unless specified otherwise)
Item
Symbol
Condition
Rating
Unit
Supply voltage
VIN
7.0
V
Output voltage
VSW
20
V
Total power dissipation
PT
Note
0.9
W
Operating ambient temperature
TA
–20 to 85
˚ C
Storage temperature range
Tstg
–55 to +150
˚ C
Note When 90 mm
× 90 mm × 1.6 mm thick glass epoxy board is mounted
RECOMMENDED OPERATING RANGE
Item
Symbol
MIN.
TYP.
MAX.
Unit
Supply voltage
VDD
4.5
5.0
5.5
V
Charge pump capacitor
C1, C2
0.033
0.1
0.47
µF
Operating ambient temperature
TA
070
˚ C
ELECTRICAL SPECIFICATIONS
(TA = 25 ˚C, VIN = 5 V unless specified otherwise)
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
(Oscillation block)
Oscillation frequency
fOSC
RT = 68 k
Ω
153
167
181
kHz
On duty
DUTY
67
%
(Low voltage misoperation preventive circuit)
Operation start voltage
VIN(start-up)
3.3
3.7
4.3
V
Operation stop voltage
VIN(stop)
2.7
3.2
3.8
V
Hysteresis width
VHYS
0.3
0.5
0.7
V
(Overcurrent detection block)
Overcurrent detection voltage
VDET
270
300
330
mV
(On/off control block)
ON/OFF pin input voltage
VIH
4.5 V
≤ VIN ≤ 5.5 V
VIN*0.7
V
VIL
4.5 V
≤ VIN ≤ 5.5 V
VIN*0.3
V
ON/OFF pin input current
IIL
ON/OFF pin voltage = 0
–20
–5
–1
µA
(Charge pump circuit)
Output voltage
VCHG
4.5 V
≤ VIN ≤ 5.5 V
8.0
11
V
0 ˚C
≤ TA ≤ 70 ˚C
(Short-circuit protection circuit)
Timer latch pin output current
ISCP
RT = 68 k
Ω
2.0
3.3
4.5
µA
Timer latch detection voltage
VDETT
0.85
1.0
1.15
V
(Output block)
Output stage on resistance
RDS(ON)
IPK = 0.5 A
0.3
0.5
Ω
Output stage leakage current
IDSOFF
VDS = 20 V
1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com