Electronic Components Datasheet Search
  English  ▼

X  

AN3190 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3190
Description  LQFP144 pinout compatibility analysis
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3190 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3190 Datasheet HTML 7Page - STMicroelectronics AN3190 Datasheet HTML 8Page - STMicroelectronics AN3190 Datasheet HTML 9Page - STMicroelectronics AN3190 Datasheet HTML 10Page - STMicroelectronics AN3190 Datasheet HTML 11Page - STMicroelectronics AN3190 Datasheet HTML 12Page - STMicroelectronics AN3190 Datasheet HTML 13Page - STMicroelectronics AN3190 Datasheet HTML 14Page - STMicroelectronics AN3190 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
AN3190
Pad compatibility
Doc ID 17333 Rev 2
11/56
2
Pad compatibility
This section describes the pads which demand particular attention when either an
SPC560Px/SPC56EL60 compatible application or a compatible board is developed.
Pads which are not covered in this section are fully compatible. For a detailed description of
all SPC560Px/SPC56EL60 pads refer to Appendix A: Detailed pad list.
Even if oscillator pads and reset pads are considered compatible, additional information on
these pads is provided Section 2.4: Oscillator pads and Section 2.5: Reset pad.
2.1
Upward compatible pads
If an SPC56EL60 pad has all the functionalities of an SPC560Px pad plus additional ones, it
is an upward compatible pad.
Table 1 shows the list of all the upward compatible pads.
2.2
Partially compatible pads
There are two types of partially compatible pads, according to the supported functionalities:
●
Some but not all SPC560Px functions are supported on SPC56EL60 (refer to Table 2)
●
Some but not all SPC56EL60 functions are supported on SPC560Px(a) (refer to
Table 3)
Table 2 and Table 3 show these pads and indicate other pads which offer compatibility on
the same function.
Users of these devices must carefully choose the functionality of each of these pads to
obtain a fully SPC560Px/SPC56EL60 compatible application board.
Table 1.
List of the SPC560Px upward compatible pads(1)
1.
A full description of all these pads can be found in Appendix A: Detailed pad list.
Pad number
Port name
32
D[8] (A.32)
81
G[8] (A.81)
85
G[5] (A.85)
100
B[2] (A.100)
102
G[2] (A.102)
104
G[3] (A.104)
106
F[12] (A.106)
110
B[1] (A.110)
112
F[13] (A.112)
a.
This pad group also includes the upward compatible pads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com