Electronic Components Datasheet Search
  English  ▼

X  

AN3190 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3190
Description  LQFP144 pinout compatibility analysis
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3190 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3190 Datasheet HTML 12Page - STMicroelectronics AN3190 Datasheet HTML 13Page - STMicroelectronics AN3190 Datasheet HTML 14Page - STMicroelectronics AN3190 Datasheet HTML 15Page - STMicroelectronics AN3190 Datasheet HTML 16Page - STMicroelectronics AN3190 Datasheet HTML 17Page - STMicroelectronics AN3190 Datasheet HTML 18Page - STMicroelectronics AN3190 Datasheet HTML 19Page - STMicroelectronics AN3190 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
Pad compatibility
AN3190
16/56
Doc ID 17333 Rev 2
2.4
Oscillator pads
Both devices, SPC560Px and SPC56EL60, have two pads dedicated to the internal
oscillator: pad 29 and pad 30.
The SPC560Px/SPC56EL60 compatibility depends on the configuration of the internal
oscillator.
If the oscillator is configured as bypass mode, the two pads are fully compatible (see
Figure 1 and Figure 2).
If the internal oscillator is working in crystal/oscillation mode (see Figure 3 and Figure 4) the
compatibility is achieved only if Rd is a 0
Ω resistor.
Table 5.
Non-compatible pad 123: Functional on SPC560Px – JCOMP on SPC56EL60
Pad No.
SPC56EL60
function
SPC560Px
function
Comment
123 (A.123)JCOMP
GPIO[41] - C[9]
SPC56EL60 does not support this function.
FlexPWM 0 - FAULT[2]
SPC56EL60 supports this function on pad 33 and
77. Compatibility can be achieved using pad 77.
DSPI 2 - CS 3
SPC56EL60 supports this function on pad 77, 82,
85 and 117. Compatibility can be achieved using
pad 82.
FlexPWM 0 - X[3]
SPC56EL60 supports this function on pad 34, 85
and 140. Compatibility can be achieved using pad
85 and 140.
Figure 1.
SPC560Px XOSC circuit – bypass
mode configuration
Figure 2.
SPC56EL60 XOSC circuit – bypass
mode configuration(1)
1.
In this mode, the analog portion of crystal oscillator (amplifier) is disabled. An external clock, compatible to CMOS levels,
can be applied at EXTAL pad.
XTAL
Pin 29
EXTAL
Pin 30
40 MHz Clock
VSS_HV_OSC Pin 28
XTAL
Pin 29
EXTAL
Pin 30
40 MHz Clock
VSS_HV_OSC Pin 28
XTAL
Pin 29
EXTAL
Pin 30
40 MHz Clock
VSS_HV_OSC Pin 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com